Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 77 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 73Page - Analog Devices AD9554BCPZ Datasheet HTML 74Page - Analog Devices AD9554BCPZ Datasheet HTML 75Page - Analog Devices AD9554BCPZ Datasheet HTML 76Page - Analog Devices AD9554BCPZ Datasheet HTML 77Page - Analog Devices AD9554BCPZ Datasheet HTML 78Page - Analog Devices AD9554BCPZ Datasheet HTML 79Page - Analog Devices AD9554BCPZ Datasheet HTML 80Page - Analog Devices AD9554BCPZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 77 of 116
Table 55. REFA Frequency Tolerance
Address
Bits
Bit Name
Description
0x0309
[7:0]
Inner tolerance
(1/(ppm error)), Bits[15:0]
Input reference frequency monitor inner tolerance, Bits[7:0]. Default: 0x14.
0x030A
[7:0]
Input reference frequency monitor inner tolerance, Bits[15:8]. Default: 0x00.
0x030B
[7:4]
Reserved
Default: 0x0.
[3:0]
Inner tolerance
(1/(ppm error)), Bits[19:16]
Input reference frequency monitor inner tolerance, Bits[19:16]. Default for
Register 0x0309 to Register 0x30B: 0x000014 = 20 (5% or 50,000 ppm). The Stratum 3
clock requires an inner tolerance of ±9.2 ppm and an outer tolerance of ±12 ppm. An
SMC clock requires an outer tolerance of ±48 ppm. The allowable range for the inner
tolerance is 0x00A (10%) to 0x8FF (2 ppm).
0x030C
[7:0]
Outer tolerance
(1/(ppm error)), Bits[15:0]
Input reference frequency monitor outer tolerance, Bits[7:0]. Default: 0x0A.
0x030D
[7:0]
Input reference frequency monitor outer tolerance, Bits[15:8]. Default: 0x00.
0x030E
[7:4]
Reserved
Default: 0x0.
[3:0]
Outer tolerance
(1/(ppm error)), Bits[19:16]
Input reference frequency monitor outer tolerance, Bits[19:16]. Default for Register 0x030C to
Register 0x30E = 0x00000A = 10 (10% or 100,000 ppm). The Stratum 3 clock requires an
inner tolerance of ±9.2 ppm and an outer tolerance of ±12 ppm. An SMC clock requires
an outer tolerance of ±48 ppm. The outer tolerance must be greater than the inner
tolerance so that there is hysteresis.
Table 56. REFA Validation Timer
Address
Bits
Bit Name
Description
0x030F
[7:0]
Validation timer (ms),
Bits[15:0] (up to 65.5 sec)
Validation timer, Bits[7:0]. Default: 0x0A. This is the amount of time a reference input must
be unfaulted before it is declared valid by the reference input monitor. Default: 10 ms.
0x0310
[7:0]
Validation timer, Bits[15:8]. Default: 0x00.
Table 57. REFA Phase/Frequency Lock Detectors
Address
Bits
Bit Name
Description
0x0311
[7:0]
Phase lock threshold (ps),
Bits[23:0]
Phase lock threshold, Bits[7:0]. Default: 0xBC. Default of 0x0002BC for Register 0x0311
through Register 0x313 = 700 ps.
0x0312
[7:0]
Phase lock threshold, Bits[15:8]. Default: 0x02.
0x0313
[7:0]
Phase lock threshold, Bits[23:16]. Default: 0x00.
0x0314
[7:0]
Phase lock fill rate, Bits[7:0]
Phase lock fill rate, Bits[7:0]. Default: 0x0A = 10 code/PFD cycle.
0x0315
[7:0]
Phase lock drain rate,
Bits[7:0]
Phase lock drain rate, Bits[7:0]. Default: 0x0A = 10 code/PFD cycle.
0x0316
[7:0]
Frequency lock threshold
(ps), Bits[23:0]
Frequency lock threshold, Bits[7:0]. Default: 0xBC. Default of 0x0002BC for Register 0x0316
through Register 0x318 = 700 ps. This is correct.
0x0317
[7:0]
Frequency lock threshold, Bits[15:8]. Default: 0x02.
0x0318
[7:0]
Frequency lock threshold, Bits[23:16]. Default: 0x00.
0x0319
[7:0]
Frequency lock fill rate,
Bits[7:0]
Frequency lock fill rate, Bits[7:0]. Default: 0x0A = 10 code/PFD cycle.
0x031A
[7:0]
Frequency lock drain rate,
Bits[7:0]
Frequency lock drain rate, Bits[7:0]. Default: 0x0A = 10 code/PFD cycle.
Table 58. REFA Phase Step Threshold
Address
Bits
Bit Name
Description
0x031B
[7:0]
Phase step threshold (ps),
Bits[23:0]
Phase step threshold, Bits[7:0]. Default: 0x00. Note that a phase step threshold of
0x000000 means that this feature is disabled.
0x031C
[7:0]
Phase step threshold, Bits[15:8]. Default: 0x00.
0x031D
[7:0]
Phase step threshold, Bits[23:16]. Default: 0x00.
0x031E
[7:4]
Reserved
Default: 0x0.
[3:0]
Phase step threshold (ps),
Bits[27:24]
Phase step threshold, Bits[27:24].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com