Electronic Components Datasheet Search
  English  ▼

X  

AD9554BCPZ Datasheet(PDF) 82 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 78Page - Analog Devices AD9554BCPZ Datasheet HTML 79Page - Analog Devices AD9554BCPZ Datasheet HTML 80Page - Analog Devices AD9554BCPZ Datasheet HTML 81Page - Analog Devices AD9554BCPZ Datasheet HTML 82Page - Analog Devices AD9554BCPZ Datasheet HTML 83Page - Analog Devices AD9554BCPZ Datasheet HTML 84Page - Analog Devices AD9554BCPZ Datasheet HTML 85Page - Analog Devices AD9554BCPZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 82 of 116
Address
Bits
Bit Name
Description
0
Mask OUT0A sync
Masks the synchronous reset to the OUT0A divider.
0 (default) = unmasked.
1 = masked. Setting this bit asynchronously releases the OUT0A divider from static sync
state, thus allowing the OUT0A divider to toggle. OUT0A ignores all sync events while
this bit is set. Setting this bit does not enable the output drivers connected to this
channel.
Table 71. Distribution OUT0A Settings
Address
Bits
Bit Name
Description
0x0437
[7:3]
Reserved
Default: 00.
[2:1]
OUT0A mode
Selects the operating mode of OUT0A.
00 (default) = 14 mA (used for ac-coupled LVDS and dc-coupled HCSL).
01 = 21 mA (intended as an intermediate amplitude setting).
10 = 28 mA (used for ac-coupled LVPECL-compatible amplitudes with 100 Ω termination).
Damage to the output drivers can result if the 28 mA mode is used without external
termination resistors (either to ground or across the differential pair).
11 = power down and tristate outputs.
0
Invert polarity
Controls the OUT0A polarity.
0 (default) = normal polarity.
1 = inverted polarity.
Table 72. Q0_A Divider Settings
Address
Bits
Bit Name
Description
0x0438
[7:0]
Q0_A divider ,
Bits[7:0]
10-bit channel divider, Bits[7:0] (LSB). Division equals channel divider, Bits[9:0] + 1. Default: 0x00.
[9:0] = 0 is divide-by-1.
[9:0] = 1 is divide-by-2.
…
[9:0] = 1023 is divide-by-1024.
0x0439
[7:2]
Reserved
Reserved. Default: 0x00.
[1:0]
Q0_A divider,
Bits[9:8]
10-bit channel divider, Bits[9:8] (MSB). Default: 0x0.
0x043A
[7:6]
Reserved
Reserved. Default: 0x0.
[5:0]
Q0_A divider
phase, Bits[5:0]
Divider initial phase after sync relative to the divider input clock (from the P0 divider output). LSB
is ½ of a period of the divider input clock.
Phase = 0 is no phase offset.
Phase = 1 is ½ a period offset.
Default: 0x0.
Table 73. Distribution OUT0B Settings
Address
Bits
Bit Name
Description
0x043B
[7:3]
Reserved
Reserved. Default: 0x00
[2:1]
OUT0B mode
Selects the operating mode of OUT0B.
00 (default) = 14 mA (used for ac-coupled LVDS and dc-coupled HCSL).
01 = 21 mA (intended as an intermediate amplitude setting).
10 = 28 mA (used for ac-coupled LVPECL-compatible amplitudes with 100 Ω termination).Damage to
the output drivers can result if the 28 mA mode is used without external termination resistors (either
to ground or across the differential pair).
11 = power down and tristate outputs.
0
Invert polarity
Controls the OUT0B polarity.
0 (default) = normal polarity.
1= inverted polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com