Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 68 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 68 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 64Page - Intel Corporation CD1284 Datasheet HTML 65Page - Intel Corporation CD1284 Datasheet HTML 66Page - Intel Corporation CD1284 Datasheet HTML 67Page - Intel Corporation CD1284 Datasheet HTML 68Page - Intel Corporation CD1284 Datasheet HTML 69Page - Intel Corporation CD1284 Datasheet HTML 70Page - Intel Corporation CD1284 Datasheet HTML 71Page - Intel Corporation CD1284 Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
68
Datasheet
• If there is no more data in the FIFO following the send break command, the break continues
indefinitely until terminated by a stop break command.
• If there is an insert delay command (see the next command) immediately following the send
break command, the break duration is set by the value programmed in the delay command.
Any other character in the FIFO immediately following the send break command carries an
‘implied’ end-of-break condition, causing the break to be terminated and the next character to
be sent.
NUL x’82 x’xx – Insert Delay
This command causes a delay between the previous character transmitted and the next character to
be transmitted. The hex value contained in the third byte of the sequence determines the time of the
delay based on the basic time period set by the PPR. The value is treated as an unsigned binary
value loaded into an internal counter. The counter decrements once for each tick of the prescale
period timer. Thus, if the PPR sets a basic timing period of 10 ms and the value set by the command
is 100 (x’64), then a delay of 1 second is generated. Multiple insert delay commands can be placed
in the FIFO if time delays longer than that generated by a single delay period are needed.
This command is useful when a delay is required after sending a carriage return. A printer is an
example of this type of situation. Often, the carriage return causes the printer to start a print cycle
and the sending device must wait for the print to complete before sending the next line of text
(unbuffered input). Using the insert delay command allows the delay to be performed
automatically without the need for the CPU to time it. The delay command is placed in the FIFO
directly following the carriage return and preceding the first data for the next line. The CD1284
automatically executes the delay following the carriage return, then restarts sending characters.
Another useful application of the delay command is as a built-in timer that the CPU uses as an
interrupt source causing it to periodically check its internal buffers for data to transmit. This
assumes that the channel is not currently transmitting data. When the CPU services the transmit
FIFO service request after a delay timeout (as set by the delay value) it can start transmission of a
buffer if data is available or resend the insert delay command and wait for the next service request.
An internal timer interrupt set by the CPU is now unnecessary to perform this function.
NUL x’83 – Stop BREAK
This command terminates a break in progress regardless of other conditions. This command can be
preceded by insert delay commands to set a specific, programmed break period if more than one
character time is required. Any character in the FIFO causes the break to terminate. NUL x’83 is
required only if it is necessary to stop the break and there is no more data to be sent. A break
continues until another character is sent or ESC x’83 is encountered in the FIFO.
NUL x’01–x’3F – Send Repeat Space
This command causes the CD1284 to send repeated space characters. The character following
NUL is interpreted as a binary count specifying the number of ASCII space (x’20) characters to
send. The count must be in the range of x’01 through x’3F (1–63 decimal).
5.8.3
Send Special Character Command
One command of the CD1284 transmits any one of the four special characters programmed in
SCHR1–SCHR4. The command is issued by the CCR[5] set to ‘1’, and the least-significant three
bits encoding a selection of one of the four characters. This function is preemptive, meaning that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com