Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 45 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 45 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 41Page - Intel Corporation CD1284 Datasheet HTML 42Page - Intel Corporation CD1284 Datasheet HTML 43Page - Intel Corporation CD1284 Datasheet HTML 44Page - Intel Corporation CD1284 Datasheet HTML 45Page - Intel Corporation CD1284 Datasheet HTML 46Page - Intel Corporation CD1284 Datasheet HTML 47Page - Intel Corporation CD1284 Datasheet HTML 48Page - Intel Corporation CD1284 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
45
Figure 7. Interrupt Generation Logic
FAILED NEG
(INVALID
EXTCODE)
[COMPATIBLE
MODE]
NSR=0x41
TERMINATION
[COMPATIBLE
MODE]
NSR=0x82
NEG-OK
NSR=0x86[EPP
MODE]{40}
NSR=0x88[RN MODE]
{00} NSR=0x8A[RB
MODE]{01}
NSR=0x8C[ECP w/o
RLE]{10}
NSR=0x8E[ECP w/
RLE]{30}
NEG-OK
NSR=0x89[RN ID REQUEST]{04}
NSR=0x8B[RB ID REQUEST]{05}
NSR=0x8D[ECP w/o RLE ID
REQUEST]{14}
NSR=0x8F[ECP w/ RLE ID
REQUEST]{34}
IDREQ
PCISR[1]
NEGCH
PCISR[5]
IDREQ
PCIER[1]
FAILED NEG
MODE NOT
ENABLED
[COMPATIBLE
MODE]
NSR=0x46 (EPP)
NSR=0x48 (RN)
NSR=0x49 (RN-ID)
NSR=0x4A (RB)
NSR=0x4B (RB-ID)
NSR=0x4C (ECP)
NSR=0x4D (ECP-ID)
NSR=0x4E (ECP-RLE)
NSR=0x4F (ECP-RLE-ID)
HOST-TIMEOUT
HOST HAS NOT RESPONDED
FOR OVER 1 SEC.)
[COMPATIBLE MODE]
NSR=0x22
INVALID/ImedTerm
HOST HAS VIOLATED
HANDSHAKING SEQUENCE
[COMPATIBLE MODE]
NSR=0x16 (EPP)
NSR=0x18 (RN)
NSR=0x19 (RN-ID)
NSR=0x1A (RB)
NSR=0x1B (RB-ID)
NSR=0x1C (ECP)
NSR=0x1D (ECP-ID)
NSR=0x1E (ECP-RLE)
NSR=0x1F (ECP-RLE-ID)
An immediate termination from the Host will
generate this interrupt
ID requests will fail if either the negotiation type or RID is
disabled in NER. Other negotiations will also fail if the
negotiation type is disabled.
KEY:[]=Currentmode
{ } = Interface extensibility request value (see IEEE1284
Spec. for more details)
(register name[x]) : x = bit #, that is PCIER[1] = PCIER, bit 1
NEGCH
PCIER[5]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com