Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 46 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 46 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 42Page - Intel Corporation CD1284 Datasheet HTML 43Page - Intel Corporation CD1284 Datasheet HTML 44Page - Intel Corporation CD1284 Datasheet HTML 45Page - Intel Corporation CD1284 Datasheet HTML 46Page - Intel Corporation CD1284 Datasheet HTML 47Page - Intel Corporation CD1284 Datasheet HTML 48Page - Intel Corporation CD1284 Datasheet HTML 49Page - Intel Corporation CD1284 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
46
Datasheet
Figure 7. Interrupt Generation Logic (Continued)
A1284 signal
transition from low-
to-high, and
A1284(ODR[3]) = 1
nInit signal
transition from
low-to-high, and
nInit(ODR[2]) = 1
HstBsy signal
transition from low-
to-high, and
HstBsy(ODR[1]) = 1
HstClk signal
transition from low-
to-high, and
HstClk(ODR[0]) = 1
MANMD
(PCR[7])
SIGCH
(PCIER[4])
SIGCH
(PCISR[4])
Interface must be in COMPATIBLE MODE
when MANMD (PCR.7) is set or MANMD wil
have no affect
HstClk signal
transition from
high-to-low, and
HstClk(ZDR[0]) = 1
HstBsy signal
transition from high-
to-low, and
HstBsy(ZDR[1]) = 1
A1284 signal
transition from
high-to-low, and
A1284(ZDR[3]) = 1
nInit signal
transition from
high to low, and
nInit(ZDR[2]) = 1
Host has reversed the direction of the interface from ECP-
forward to ECP-reverse by driving nReverseRequest (nInit)
signal low.
Host has changed the direction of the interface from ECP-
reverse to ECP-forward by driving nReverseRequest
(nInit) signal high.
DIRCH
(PCISR[2])
EPPAW
(PCISR[3])
NINIT
(PCISR[0])
EPPAW
(PCIER[3])
EPP address received
on parallel port
nInit
(PCIER[0])
In Compatible mode, the
host has requested the
peripheral to re-initialize
itself (nInit went low).
INTEN
(PFCR[4])
PPORT
(PIR[6])
(PCISR[5])
NEGCH
(PCISR[4])
SIGCH
(PCISR[3])
EPPAW
(PCISR[2])
DIRCH
(PCISR[1])
IDREQ
(PCISR[0])
NINIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com