Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 78 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 78 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 74Page - Intel Corporation CD1284 Datasheet HTML 75Page - Intel Corporation CD1284 Datasheet HTML 76Page - Intel Corporation CD1284 Datasheet HTML 77Page - Intel Corporation CD1284 Datasheet HTML 78Page - Intel Corporation CD1284 Datasheet HTML 79Page - Intel Corporation CD1284 Datasheet HTML 80Page - Intel Corporation CD1284 Datasheet HTML 81Page - Intel Corporation CD1284 Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
78
Datasheet
5.12.3
State Machine
The parallel port is controlled by a large synchronous state machine. The state machine is based on
the IEEE STD 1284 specification and conforms to all the functional modes (except extensibility
link options, none of which are currently — as of the print date of this document — defined).
5.12.4
Configuration
At power-up, the interface begins in Compatibility mode (Centronics mode) ready to accept data
from the master. Only the ETxfr bit (PCR[5]) is required to allow transfers in Compatibility mode
(parallel port only; datapath section is separate). PCR[7:5] enable transfers and Negotiation and
Manual modes.
Outputs
AkDaRq
PError
AkDaRq
AkDaRq
nAkRev
USER1
PerBsy
BUSY
PerBsy
PerBsy
PerAck
nWait
PerClk
ACK*
PerClk
PerClk
PerClk
Intr
nDatAv
FAULT*
nDatAv
nDatAv
nPerReq
USER2
XFlag
SELECT
XFlag
XFlag
XFlag
USER3
Table 20. Signal Names (Sheet 2 of 2)
Names
Compatibility
Rev. NB
Rev. BT
ECP
EPP
Figure 11. FIFO Data Path Functional Diagram — Receive
FIFO (64 BYTES)
TAG (64 BITS)
DB[15:8]
DB[7:0]
PFSR
(RECEIVE)
STATUS
TAG
TAG
TAG BIT
TAG BIT
STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com