Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 40 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 40 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 36Page - Intel Corporation CD1284 Datasheet HTML 37Page - Intel Corporation CD1284 Datasheet HTML 38Page - Intel Corporation CD1284 Datasheet HTML 39Page - Intel Corporation CD1284 Datasheet HTML 40Page - Intel Corporation CD1284 Datasheet HTML 41Page - Intel Corporation CD1284 Datasheet HTML 42Page - Intel Corporation CD1284 Datasheet HTML 43Page - Intel Corporation CD1284 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
40
Datasheet
One reason a design might make use of this method is that limited board space is available for the
additional hardware address decoding required to generate the four SVCACK* and DGRANT*
control signals. The advantage is that the system need not constantly poll the CD1284 for active
service requests. It is interrupted when a request is posted, then examines internal CD1284
registers to determine the source and channel number generating the request. For this method, tie
the four SVCACK* and DGRANT* input pins inactive (logic ‘1’). This prevents possible false
activation of a service-acknowledge cycle that occurs due to noise. Terminate these pins with a
resistor (approximately 1 k
Ω) not hardwired to V
CC.
5.3.3
Serial Service Request Polling
In Poll mode, the CPU periodically checks the CD1284 to see if there are any active service
requests. If it detects any, it proceeds to service them by a software-driven technique. There are
several registers within the CD1284 specifically provided to facilitate Poll-mode service-request
detection and acknowledgment. These are the SVRR, RIR, TIR, PIR, MIR, RIVR, TIVR, and
MIVR. Chapter 7.0 provides detailed bit definitions for these registers.
The SVRR is the master service-request register. The least-significant three bits (bits 2:0 — SRM,
SRT, and SRR) reflect the inverse of the state of the three service-request output pins
(SVCREQM*, SVCREQT*, and SVCREQR*). For example, if SRR[0] is ‘1’, it indicates that
there is a pending active serial receive data service request, and that the SVCREQR* output pin is
active (low). The CPU now can determine with a single read if the CD1284 requires any service
and which pins are active.
Each service request type has an interrupt request register: RIR for receive, TIR for transmit, and
MIR for modem. These are the special purpose registers used with the CAR to force the context
switch and start a service-acknowledge procedure. When a service request of a particular type is
pending, the corresponding Interrupt Request register is set by the MPU with the appropriate data
to cause the context switch to the requested type and the requesting channel.
When the CPU is ready to service the request, it reads the contents of the request register and
copies it into the CAR. This write into the CAR forces the context switch and the CD1284 is ready
to be serviced. The result is the same as performing a service-acknowledge cycle with the
SVCACK* pin.
Each of the Interrupt Request registers provide the channel number by requesting service in the
least-significant two bits. The most-significant three bits provide status and control over internal
interrupt sequencing. The middle three bits contain a code used by the MPU at the end of a
hardware service-acknowledge cycle (write to the EOSRR) to indicate the type of acknowledge
cycle that is ending. Each of the three registers has a unique code in these three bits to select the
proper service-acknowledge type, but these are meaningless in Poll-mode operation.
At the end of a service-request operation, the CPU must inform the CD1284 that the request is
satisfied and to take it out of the service-request context. This is done by rewriting the value that
was in the interrupt request register after clearing the upper two bits.
As with the hardware-driven request/acknowledge procedure, the Virtual registers should only be
accessed after the context switch is made. Their contents are undefined until this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com