Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 1 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 1 Page - Intel Corporation

  CD1284 Datasheet HTML 1Page - Intel Corporation CD1284 Datasheet HTML 2Page - Intel Corporation CD1284 Datasheet HTML 3Page - Intel Corporation CD1284 Datasheet HTML 4Page - Intel Corporation CD1284 Datasheet HTML 5Page - Intel Corporation CD1284 Datasheet HTML 6Page - Intel Corporation CD1284 Datasheet HTML 7Page - Intel Corporation CD1284 Datasheet HTML 8Page - Intel Corporation CD1284 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 176 page
background image
CD1284
IEEE 1284-Compatible Parallel Interface Controller
with Two High-Speed Asynchronous Serial Ports
Datasheet
Product Features
Parallel Port (Peripheral-side)
High-speed, bidirectional, multi-protocol
parallel port:
s
Hardware implementation of all modes of
the IEEE STD (Standard) 1284
specification (including automatic
negotiation)
— Centronics-compatible mode
— Reverse Byte mode
— Reverse Nibble mode
— ECP (extended capabilities port) mode
with run-length encoding/decoding
— EPP (enhanced parallel port) mode
— Up to 2-Mbytes/sec. transfer rate in ECP
and EPP modes
s
64-byte parallel FIFO with DMA interface
Two Serial UARTs
s
Serial channel asynchronous protocol
support to 115.2 kbps (register-set-
compatible and functionally identical to
CD1400)
— Twelve-byte FIFOs for each transmitter
and receiver with programmable
threshold for receive FIFO interrupt
generation
— Improved interrupt schemes: Good
Data
 interrupts eliminate the need for
character status check
— User-programmable and automatic flow
control for serial channels
— Special character recognition and
generation.
— Special character processing,
particularly useful for UNIX
environments, optionally handled
automatically by the serial channels.
— Six modem control signals per channel
(DTR, DSR, RTS, CTS, CD, and RI)
As of May 2001, this document replaces the Basis
Communications Corp. document.
May 2001
CL-CD1284 — IEEE 1284-Compatible Parallel Interface Controller


Similar Part No. - CD1284

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CD1283 INTEL-CD1283 Datasheet
1Mb / 94P
IEEE 1284-Compatible Parallel Interface
More results

Similar Description - CD1284

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
IEEE 1284 Transceiver
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
ASYNCHRONOUS SERIAL CONTROLLER
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
ASYNCHRONOUS SERIAL CONTROLLER
CD1283 INTEL-CD1283 Datasheet
1Mb / 94P
IEEE 1284-Compatible Parallel Interface
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
IEEE 1284 Transceiver
logo
California Micro Device...
PACSZ1284 CALMIRCO-PACSZ1284_06 Datasheet
199Kb / 7P
IEEE 1284 Parallel Port ESD/EMI/Termination Network
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
Asynchronous Serial Controller
logo
Fairchild Semiconductor
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
IEEE 1284 Interface Design Solutions
logo
IOGEAR
GUC1284B IOGEAR-GUC1284B Datasheet
129Kb / 2P
USB to Parallel IEEE 1284 Printer Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com