Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 20 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 20 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 16Page - Intel Corporation CD1284 Datasheet HTML 17Page - Intel Corporation CD1284 Datasheet HTML 18Page - Intel Corporation CD1284 Datasheet HTML 19Page - Intel Corporation CD1284 Datasheet HTML 20Page - Intel Corporation CD1284 Datasheet HTML 21Page - Intel Corporation CD1284 Datasheet HTML 22Page - Intel Corporation CD1284 Datasheet HTML 23Page - Intel Corporation CD1284 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
20
Datasheet
RXD3
I
1
17
TXD2
O
1
18
High
RXD2
I
1
19
RTS2*
O
1
26
High
RTS3*
O
1
21
High
DTR2*
O
1
25
High
DTR3*
O
1
20
High
CTS2*
I
1
27
CTS3*
I
1
22
DSR2*
I
1
28
DSR3*
I
1
23
CD2*
I
1
29
CD3*
I
1
24
RI2*
I
1
15
RI3*
I
1
14
N/C
–
174
Table 1.
Pin Descriptions (Sheet 1 of 4)
Symbol
Pin No.
Type
Description
RESET*
79
I
ACTIVE-LOW RESET: This input initializes the device to the default condition. All
internal registers are set to their reset condition and all transfer operations are set to
the default state.
OUTEN
83
I
OUTPUT ENABLE: This pin must be ‘1’ to enable output pin functions. When OUTEN
is ‘0’, it forces all output pins to remain in a tristate condition. Typically, OUTEN is used
only for test purposes. User designs must tie this pin to VCC through a pull-up resistor.
CLK
73
I
SYSTEM CLOCK: This input has a 25-MHz maximum; 16 MHz is the recommended
minimum for satisfactory device performance.
CLK/2
80
O
SYSTEM CLOCK DIVIDED BY TWO OUTPUT: This signal is equivalent to the
internal operating clock of the device.
DB[15:0]
92–99, 2–9I/O
BIDIRECTIONAL DATA BUS: Only DMA transfers and writes to the DMA Buffer
register are true 16-bit operations. During all register writes other than to the DMA
Buffer register, bits [7:0] are written to the addressed register. Register reads duplicate
the register contents on both the lower byte [7:0] and upper byte [15:8].
A[6:0]
84–90
I
ADDRESS BUS: Together with CS* or one of the SVCACK* inputs and DS*, this input
selects an On-Chip register for a read or write operation or an acknowledgment to an
service request.
R/W*
76
I
READ/WRITE*: This input must be ‘1’ for a register read operation, and must be ‘0’ for
a register write. R/W* is ignored for DMA operations.
CS*
78
I
ACTIVE-LOW CHIP SELECT: When active, the input CS* combines with DS*,
initiates an I/O cycle with the CD1284. CS* must be ‘1’ during DMA read/write
operations.
Pin Name
Type
Number
of Pins
Pin
Number
Reset
State
(Sheet 3 of 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com