Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 91 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 91 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 87Page - Intel Corporation CD1284 Datasheet HTML 88Page - Intel Corporation CD1284 Datasheet HTML 89Page - Intel Corporation CD1284 Datasheet HTML 90Page - Intel Corporation CD1284 Datasheet HTML 91Page - Intel Corporation CD1284 Datasheet HTML 92Page - Intel Corporation CD1284 Datasheet HTML 93Page - Intel Corporation CD1284 Datasheet HTML 94Page - Intel Corporation CD1284 Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
91
Internal firmware uses this operation to flag completion of the reset procedure. After the reset
is issued, the GFRCR is one of the first registers cleared and it is the last one set before normal
runtime code execution begins. The initialization routine must wait for this register to become
non-zero before it begins any other programming of CD1284 registers. If the CPU is
sufficiently fast, it could begin testing the GFRCR before the MPU clears it. The assumption
could be made that the CD1284 has completed internal initialization when, in fact, it has not
even started. To avoid this error, the CPU should look for the GFRCR to change to ‘0.’ It
should then look to the current revision code. Alternatively, the CPU can clear the GFRCR just
prior to issuing the global reset command and then poll for the correct revision code. This is
useful in slow systems that cannot guarantee that the CPU can check the register after it is
cleared or before it is loaded with the revision code.
This procedure is also used as part of a diagnostic test suite. The device completes internal
initialization within 500
µsec. A timer (software or hardware) detects when the operation is not
completed within that time and cues if the device is functional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com