Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 77 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 77 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 73Page - Intel Corporation CD1284 Datasheet HTML 74Page - Intel Corporation CD1284 Datasheet HTML 75Page - Intel Corporation CD1284 Datasheet HTML 76Page - Intel Corporation CD1284 Datasheet HTML 77Page - Intel Corporation CD1284 Datasheet HTML 78Page - Intel Corporation CD1284 Datasheet HTML 79Page - Intel Corporation CD1284 Datasheet HTML 80Page - Intel Corporation CD1284 Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
77
Another comparator determines if the next character coming from the DMABUF register and the
character in PFHR1 are identical. Compression begins when the pipeline is full (immediately after
a DMA or CPU write to the DMA buffer) and both comparators show identical characters in their
pipeline stages. This starts the compression process and the character in PFHR1 and the DMA
buffer shift forward. The (same) character in PFHR2 is not loaded into the FIFO, but rather the
RLCR increments to ‘1’.
As long as identical additional characters are loaded into the DMA buffer, the RLCR value
continues to increment and the data in PFHR2 does not move into the FIFO. When the repeated
sequence is finally broken, or the RLCR count reaches 127, the RLCR value transfers into the
FIFO, the RLCR zeros, and the character in PFHR2 transfers into the FIFO. Compression resumes
when both comparators indicate the presence of a string of at least three identical characters.
During intervals between DMA transfers, the last two data characters are held in PFHR1 and
PFHR2.
After the entire block transfer is complete, the CPU must either zero RLEen or ensure that both
DMAen and DMAbufWe are zeros. When either of these conditions is true, the pipeline is released
and data held in PFHR1 and PFHR2 transfers into the FIFO.
The timeout interrupt can be a general timer interrupt in the transmit direction. Unlike the receive
case, when DMAdir is true, the timeout status is immediately set when the timeout is triggered by a
‘0’-to-‘1’ transition of Stale. To use the timeout interrupt, the CPU must load the desired time delay
directly into the SDTCR. When the timer expires, Stale becomes true and the timeout interrupt is
generated.
5.12
CD1284 Parallel Port Overview
5.12.1
Terminology
This document uses the terms ‘master’ and ‘slave’ for the IEEE STD 1284 specification terms
‘host’ and ‘peripheral’ that describe the two sides of a parallel-port interface.
5.12.2
Signal Names
The IEEE STD 1284 specification uses different names for the nine control signals, depending on
the current mode of operation (Table 20). The CD1284 uses fixed names for each of its pins. The
names were selected to represent the most commonly used names of the various protocols. The
CD1284 device operates as a slave only. There are four input-control signals driven by the master-
side device, and five output-control signals driven by the slave-side device. The Parallel Data bus
(PD[7:0]) is bidirectional.
Table 20. Signal Names (Sheet 1 of 2)
Names
Compatibility
Rev. NB
Rev. BT
ECP
EPP
Inputs
A_1284
SLCTIN*
A_1284
A_1284
A_1284
nAStrb
HstBsy
AUTOFD*
HstBsy
HstBsy
HstAck
nDStrb
HstClk
STROBE*
HstClk
HstClk
HstClk
nWrite
nInit
INIT*
nInit
nInit
nRevReq
nInit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com