Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 76 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 76 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 72Page - Intel Corporation CD1284 Datasheet HTML 73Page - Intel Corporation CD1284 Datasheet HTML 74Page - Intel Corporation CD1284 Datasheet HTML 75Page - Intel Corporation CD1284 Datasheet HTML 76Page - Intel Corporation CD1284 Datasheet HTML 77Page - Intel Corporation CD1284 Datasheet HTML 78Page - Intel Corporation CD1284 Datasheet HTML 79Page - Intel Corporation CD1284 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
76
Datasheet
5.11.6
Stale Data (Stale, OneChar, and Timeout Status Bits)
Data transfer to the CPU can also be initiated by the ‘stale’ data timer. This timer is reloaded with
the value in the SDTPR and restarts each time data is placed into the FIFO from the parallel port.
When the timer reaches zero, the status indication stale (visible in the PFSR) is set true unless
StaleOff (PACR[5]) is true.
StaleOff keeps the stale status false, even though the SDTCR counter value is zero. Should the stale
status become true with at least two characters of data available, a DMA request is made to transfer
the data. If the stale is true and there is exactly one character available, the OneChar status bit is set
(PFSR[1]) and an interrupt is generated to the CPU to transfer the single residual character.
The Parallel FIFO Status register indicates the Stale and OneChar conditions, and FFmpty. The
HRSR (Holding Register Status register) shows that holding register PFHR2 contains the final
character. An odd number of bytes can not be transferred by DMA. If a DMA transfer completes
with 1 byte of data left, the data is held pending arrival of additional data or the expiration of the
stale data timer.
The OneChar status is latched true when the FIFO and DMA buffer are empty and there is one
character in the pipeline in PFHR2. While the OneChar status is true, further pipeline operations
are inhibited. If additional data arrives in the FIFO, it remains there until the CPU:
1. Services the interrupt caused by the OneChar status, and
2. Reads the data character from PFHR2.
When the CPU reads the single character from PFHR2, any newly arrived data in the FIFO
immediately moves forward into the pipeline and a DMA transfer can begin if conditions warrant.
Another latched status condition associated with the stale data timer is the Timeout status bit
(PFSR[5]). Timeout is reset by the FIFOres bit (PFCR[7]) and the ClrTO bit (PACR[3]). Timeout,
OneChar, and DataErr are pipeline interrupt conditions and, if enabled, generate an interrupt. In the
receive direction, the Timeout condition is armed when Stale is ‘0’ and ClrTO and FIFOres are also
‘0’. When Stale becomes ‘1,’ the timeout is triggered, but is not set until a DMA transfer is
complete, the FIFO is empty, and there is no more than one character remaining in the pipeline. To
clear the timeout condition, set the ClrTO bit. To reenable the timeout function, clear the ClrTO bit.
The CPU can arm the timeout by a write of ‘01h’ directly to the SDTCR. If the timer expires before
any data arrives, an interrupt is generated for the timeout condition. If data arrives before the timer
expires, the interrupt delays until the data becomes stale.
5.11.7
Transmit Direction
Note:
In the transmit direction, the pipeline behaves in one of two ways depending on the RLEen control
bit. RLEen should only be set by the CPU after the parallel port is in ECP mode, otherwise
compression of data occurs, but cannot be supported in data transfers on the parallel port. If RLEen
is ‘0’, data written to the DMABUF register by a DMA (DMAen true) or CPU write (DMAbufWe
true) is moved through PFHR1 to PFHR2 and immediately transferred into the FIFO (if space is
available).
If RLEen is ‘1’, run-length encoding is enabled and comparators among the pipeline stages
recognize repeated strings of characters and compress them (Figure 12 on page 80). To allow the
comparator-based logic to work, the pipeline registers, PFHR1 and PFHR2, must be kept full. One
comparator determines if the characters in PFHR1 and PFHR2 are identical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com