Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 83 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 83 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 79Page - Intel Corporation CD1284 Datasheet HTML 80Page - Intel Corporation CD1284 Datasheet HTML 81Page - Intel Corporation CD1284 Datasheet HTML 82Page - Intel Corporation CD1284 Datasheet HTML 83Page - Intel Corporation CD1284 Datasheet HTML 84Page - Intel Corporation CD1284 Datasheet HTML 85Page - Intel Corporation CD1284 Datasheet HTML 86Page - Intel Corporation CD1284 Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
83
The handshake is identical for both ECP and RLE modes. The control signals, HstBsy and PerBsy
(in the forward and reverse directions, respectively), indicate command and address options. If
HstBsy/PerBsy is low, the upper bit of the byte is examined: ‘0’ indicates to interpret the lower 7
bits as an address; ‘1’ indicates to use the lower 7 bits as an RLE repeat count. This count shows
the number of times to consecutively repeat that the next data character in the datastream.
The master device is responsible for determining the direction of the transfer. The slave can request
a direction change, but the master actually changes the direction. ECP mode always begins in the
forward direction, from master to slave. The CPU sets the RevRq bit (SCR[0]) to request reverse
transfers. Once the master changes direction, RevRq is automatically cleared and the DirCh
interrupt status appears in PCISR (if enabled in the PCIER).
The master device switches the direction of the interface for forward transfers when the slave
indicates no more data is available.
5.13.5
EPP Mode
Data transfers use the DMA pipeline and the FIFO. Address transfers are handled out-of-band, not
in the FIFO stream. When the slave receives an address write command, it deposits the address into
the EAR and asserts an EPPAW interrupt request. When the slave receives a read address
command, the contents of the EAR are returned.
5.14
Protocol Timing
The IEEE-1284 specification timing parameter TP specifies the minimum pulse width and the
minimum setup time as 500 ns. The SPR must be loaded with the number of system clock ticks
equivalent to 500 ns.
5.15
General-Purpose I/O Port
The CD1284 provides an 8-bit general-purpose port (GP[7:0]) to control or give status of external
functions. Each of the eight signals is individually programmable for direction, so the port can be
comprised of any number of inputs and outputs. Each port signal is implemented with a standard,
bidirectional HCMOS pad and is fully TTL compatible. The port is controlled by two internal
registers – GPDIR and GPIO.
Each bit in the GPDIR sets the direction of the corresponding bit in the GPIO; ‘1’ sets the signal as
output; ‘0’ sets it as input. When writing to the GPIO, only the bits programmed as outputs are
affected by the contents of the data bus. When reading the GPIO, bits programmed as inputs reflect
the true state of the condition of the external pin; bits programmed as outputs reflect the state of the
last value written to the register and the current state of the output pins.
Table 21. System Clock Settings
CLK Freq.
(MHz)
Time/Tick
(ns)
SPR Value
TP Width
16
62.5
8
500
20
50
10
500
25
40
13
520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com