Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 27 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 27 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 23Page - Intel Corporation CD1284 Datasheet HTML 24Page - Intel Corporation CD1284 Datasheet HTML 25Page - Intel Corporation CD1284 Datasheet HTML 26Page - Intel Corporation CD1284 Datasheet HTML 27Page - Intel Corporation CD1284 Datasheet HTML 28Page - Intel Corporation CD1284 Datasheet HTML 29Page - Intel Corporation CD1284 Datasheet HTML 30Page - Intel Corporation CD1284 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
27
4.2
Register Usage
Table 8 through Table 13 present register tunctionality.
SPR
26
8-Bit Binary Value
153
SSR
2F
0
0
0
0
A1284
nInit
HstBsy
HstClk
154
ZDR
2C
0
0
0
0
A1284
nInit
HstBsy
HstClk
154
Table 7.
Channel Registers — Parallel Port
(Selected by Channel 0 in CAR) (Sheet 2 of 2)
Name
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
Table 8.
Global Registers
Name
Reset
Parallel Init
Parallel Tx
Parallel Rx
Serial Init
Serial Tx
Serial Rx
GPIO Pin
Control
CAR
√√
√
√
√√
√
GFRCR
√
GPDIR
√
GPIO
√
MICR
√√
√
MIR
√√
PIR
√√
PPR
√
RICR
√√
√
RIR
SVRR
√
TICR
√√
√
TIR
√
Table 9.
Virtual Registers
Name
Reset
Parallel Init
Parallel Tx
Parallel Rx
Serial Init
Serial Tx
Serial Rx
MISR
√√
MIVR
√√
PIVR
√
√
RDSR (data)
√
RDSR
(status
)
√
RIVR
√
TDR
√
TIVR
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com