Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 25 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 25 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 21Page - Intel Corporation CD1284 Datasheet HTML 22Page - Intel Corporation CD1284 Datasheet HTML 23Page - Intel Corporation CD1284 Datasheet HTML 24Page - Intel Corporation CD1284 Datasheet HTML 25Page - Intel Corporation CD1284 Datasheet HTML 26Page - Intel Corporation CD1284 Datasheet HTML 27Page - Intel Corporation CD1284 Datasheet HTML 28Page - Intel Corporation CD1284 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
25
Table 5.
Channel Registers — Serial
Name
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
CCR1
05
Res Chan
COR Chg
Send SC
Chan Ctl
D3
D2
D1
D0
118
CCSR
0B
RxEN
RxFloff
RxFlon
0
TxEN
TxFloff
TxFlon
0
122
COR1
08
Parity
ParM1
ParM0
Ignore
Stop1
Stop0
ChL1
ChL0
123
COR2
09
IXM
TxIBE
ETC
LLM
RLM
RtsAO
CtsAE
DsrAE
124
COR3
0A
SCDRNG
SCD34
FCT
SCD12
RxTh3
RxTh2
RxTh1
RxTh0
125
COR4
1E
IGNCR
ICRNL
INLCR
IGNBRK
−BRKINT
PEH[2]
PEH[1]
PEH[0]
126
COR5
1F
ISTRIP
LNE
CMOE
0
0
EBD
ONLCR
OCRNL
128
LIVR
18
X
X
X
X
X
IT2
IT1
IT0
128
LNC
24
LNext Character
129
MCOR1
15
DSRzd
CTSzd
RIzd
CDzd
DTRth3
DTRth2
DTRth1
DTRth0
129
MCOR2
16
DSRod
CTSod
RIod
CDod
0
0
0
0
130
MSVR1
6C
DSR
CTS
RI
CD
0
0
0
RTS
130
MSVR2
6D
DSR
CTS
RI
CD
0
0
DTR
0
131
RBPR
78
Binary Divisor Value
131
RCOR
7C
0
0
0
0
0
ClkSel2
ClkSel1
ClkSel0
131
RDCR
0E
0
0
0
0
CT3
CT2
CT1
CT0
132
RTPR
21
Binary Count Value
133
SCHR1
1A
Special Character 1
133
SCHR2
1B
Special Character 2
133
SCHR3
1C
Special Character 3
134
SCHR4
1D
Special Character 4
134
SCRH
23
Character Range — high
134
SCRL
22
Character Range — low
134
SRER
06
MdmChg
0
0
RxData
0
TxRdy
TxEmpty
NNDT
135
TBPR
72
Binary Divisor Value
135
TCOR
76
0
0
0
0
0
ClkSel2
ClkSel1
ClkSel0
136
NOTE:
1. The CCR contents and offsets apply to any of the channels; the channel being access at any given time is controlled by the
CAR. See Section 7.3.1.1 through Section 7.3.1.4 for channel-specific bit settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com