Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 82 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 82 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 78Page - Intel Corporation CD1284 Datasheet HTML 79Page - Intel Corporation CD1284 Datasheet HTML 80Page - Intel Corporation CD1284 Datasheet HTML 81Page - Intel Corporation CD1284 Datasheet HTML 82Page - Intel Corporation CD1284 Datasheet HTML 83Page - Intel Corporation CD1284 Datasheet HTML 84Page - Intel Corporation CD1284 Datasheet HTML 85Page - Intel Corporation CD1284 Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
82
Datasheet
5.13
1284 Parallel Protocol Support
5.13.1
Compatibility Mode
Compatibility mode provides backward compatibility with Centronics and PC-compatible printer
interfaces. When the host parallel port is in Compatibility mode (with no data transfer in progress),
the host can initiate data transfers in Compatibility mode or initiate negotiations to a new operating
mode.
Only Busy-while-Strobe and Ack-in-Busy timing is supported in Compatibility mode. Busy-after-
Strobe, Ack-after-Busy, and Ack-while-Busy timings are not supported.
5.13.2
Reverse-Nibble and Reverse-Byte Modes
These modes support reverse transfers only, from slave to master. Reverse-Nibble mode is enabled
with NER[0]; Reverse-Byte mode is enabled with NER[1]. Reverse-Nibble mode sends 4 bits at a
time over four of the peripheral status lines. With software drivers the advantage of this scheme is
that any unidirectional PC parallel port can be used for bidirectional data transfers. Reverse-Byte
mode requires bidirectional buffers on the PC hardware, but allows substantially faster transfers
because it moves one byte at a time.
There is no mechanism in Compatibility mode for the slave to indicate that data is available for
reverse transfers. The master must poll the slave by negotiating into a reverse mode and examining
the nDatAv signal. During negotiation, RevRq (SCR[0]) instructs the CD1284 to post the
availability of data to the master through the nDatAv signal.
5.13.3
ID Request
An ID request is enabled with a combination of NER[6] and one of four other transfer mode bits.
ID requests can be made in conjunction with ECP, ECP/RLE, Reverse-Byte, and Reverse-Nibble
modes; there is no ID request function defined for EPP mode. The CD1284 can accept an ID
request in any mode where it is enabled to do transfers. IDReq is set when an ID request is received
in any enabled mode.
5.13.4
ECP Mode
ECP mode allows bidirectional transfers and supports the RLE-compression scheme. The ability to
expand RLE data is required of all IEEE-1284, ECP-compliant devices, but the ability to compress
data is optional. The CD1284 handles both expansion and compression in the data path section.
The parallel port simply passes the inverse of the command signal to/from the FIFO on the ninth
tag bit in the FIFO. ECP mode is enabled by NER[2]. RLE mode enabling requires both NER bits
2 and 3.
nStrobe
nAck
BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com