Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 44 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 44 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 40Page - Intel Corporation CD1284 Datasheet HTML 41Page - Intel Corporation CD1284 Datasheet HTML 42Page - Intel Corporation CD1284 Datasheet HTML 43Page - Intel Corporation CD1284 Datasheet HTML 44Page - Intel Corporation CD1284 Datasheet HTML 45Page - Intel Corporation CD1284 Datasheet HTML 46Page - Intel Corporation CD1284 Datasheet HTML 47Page - Intel Corporation CD1284 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
44
Datasheet
• NegCh for negotiation changes
• SigCh for signal changes on the port status inputs (Manual mode only)
• EPPAW for EPP protocol address writes
• DirCh for direction changes on the parallel channel
• IDReq for slave ID requests from the remote master.
• nINIT for initialization pulses from the master (Compatibility mode only)
Any or all of these bits may be set, based on the mode of operation.
The NegCh interrupt is issued whenever the remote master performs a protocol change, such as
moving from Compatibility mode to ECP; the CPU examines the NSR to determine the new state
of the parallel interface. Signal changes can be identified by reading the SSR. In response to the
EPPAW interrupt, the CPU would read the EAR to retrieve the value that was written during the
EPP address write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com