Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 9 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 9 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 5Page - Intel Corporation CD1284 Datasheet HTML 6Page - Intel Corporation CD1284 Datasheet HTML 7Page - Intel Corporation CD1284 Datasheet HTML 8Page - Intel Corporation CD1284 Datasheet HTML 9Page - Intel Corporation CD1284 Datasheet HTML 10Page - Intel Corporation CD1284 Datasheet HTML 11Page - Intel Corporation CD1284 Datasheet HTML 12Page - Intel Corporation CD1284 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 176 page
background image
Datasheet
9
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Tables
1
Pin Descriptions .................................................................................................. 20
2
Global Registers.................................................................................................. 24
3
Virtual Registers — Serial ................................................................................... 24
4
Virtual Registers — Serial and Parallel ...............................................................24
5
Channel Registers — Serial ................................................................................ 25
6
Channel Registers — Parallel Pipeline
(Selected by Channel 0 in CAR) ......................................................................... 26
7
Channel Registers — Parallel Port
(Selected by Channel 0 in CAR) ......................................................................... 26
8
Global Registers.................................................................................................. 27
9
Virtual Registers .................................................................................................. 27
10
Virtual Registers — Serial and Parallel ...............................................................28
11
Channel Registers — Serial ................................................................................ 28
12
Channel Registers — Parallel Pipeline
(Selected by Channel 0 in CAR) ......................................................................... 29
13
Channel Registers — Parallel Port
(Selected by Channel 0 in CAR) ......................................................................... 29
14
Request-Type Bit Assignments ........................................................................... 38
15
CCSR[6:5] Encoding ........................................................................................... 56
16
CCSR[2:1] Encoding ........................................................................................... 57
17
COR Control Bits................................................................................................. 58
18
Out-of-Band Pin Connections.............................................................................. 59
19
Modem Control Pin Functions ............................................................................. 60
20
Signal Names ......................................................................................................77
21
System Clock Settings ........................................................................................ 83
22
Baud Rate Constants — CLK = 25 MHz ........................................................... 103
23
Baud Rate Constants — CLK = 20.2752 MHz .................................................. 104
24
Baud Rate Constants — CLK = 20.00 MHz ...................................................... 104
25
Baud Rate Constants — CLK = 18.432 MHz .................................................... 105
26
Baud Rate Constants — CLK = 16 MHz ........................................................... 105
27
Asynchronous Timing Reference Parameters................................................... 157
28
Synchronous Timing Reference Parameters .................................................... 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com