Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 42 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 42 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 38Page - Intel Corporation CD1284 Datasheet HTML 39Page - Intel Corporation CD1284 Datasheet HTML 40Page - Intel Corporation CD1284 Datasheet HTML 41Page - Intel Corporation CD1284 Datasheet HTML 42Page - Intel Corporation CD1284 Datasheet HTML 43Page - Intel Corporation CD1284 Datasheet HTML 44Page - Intel Corporation CD1284 Datasheet HTML 45Page - Intel Corporation CD1284 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
42
Datasheet
Before a serial request for service of a particular type is posted, the MPU checks the current state of
the request output for that type. If it is inactive, indicating that no other CD1284 is driving that
level, a request can be posted; otherwise it waits. This guarantees that each CD1284 has an
opportunity to have a request type serviced when required. When the CPU acknowledges the
request, both CD1284s receive the acknowledge through SVCACK*. However, only the first
receives DGRANT*. If there is an active request of this type pending, the CD1284 takes the
acknowledge and drives its vector register (RIVR, TIVR, MIVR) onto the data bus.
If the first device does not have a request pending, it passes the DGRANT* input to the second
CD1284 through the DPASS* output. Assuming that the second device has an active request
pending, it takes the acknowledge and drives its Vector register onto the data bus.
As previously mentioned, the upper five bits of the LIVR reflects what the CPU loaded into them
during its initialization of the CD1284s. These bits are used as a unique chip identification number
so the CPU can determine which CD1284 responded to the service acknowledge. These five bits
can be set to binary ‘0’ in the LIVRs of the first CD1284, and to binary ‘1’ in those of the second.
The CPU is able to test the bit to determine which device responded. Some examples of service-
acknowledge software routines that show one way of performing this task are provided in Chapter
6.0.
The common service acknowledge described in Section 5.3.2.3 on page 39 is also usable in daisy-
chained environments. In this case, the common acknowledge is applied to all service-
acknowledge inputs in all devices of the chain. The daisy-grant ripples down the chain until the
requesting device receives the acknowledge.
Note:
If a CD1284 further down the chain is requesting service for a receiver and one up the chain is
requesting service for a transmitter, the transmit request is serviced first since it precedes the
receive requester. Thus, the Fair Share mechanism is not functional in this configuration.
Figure 6. CD1284 Daisy-Chain Connections
DPASS*
SVCACKR*
SVCACKT*
SVCACKM*
DGRANT*
DPASS*
SVCACKR*
SVCACKT*
SVCACKM*
DGRANT*
SVCREQR*
SVCREQT*
SVCREQM*
SVCREQR*
SVCREQT*
SVCREQM*
SVCACKP*
SVCACKP*
SVCREQP*
SVCREQP*
ADDRESS
DECODE
LOGIC
CYCLE
ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com