Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 80 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 80 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 76Page - Intel Corporation CD1284 Datasheet HTML 77Page - Intel Corporation CD1284 Datasheet HTML 78Page - Intel Corporation CD1284 Datasheet HTML 79Page - Intel Corporation CD1284 Datasheet HTML 80Page - Intel Corporation CD1284 Datasheet HTML 81Page - Intel Corporation CD1284 Datasheet HTML 82Page - Intel Corporation CD1284 Datasheet HTML 83Page - Intel Corporation CD1284 Datasheet HTML 84Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
80
Datasheet
5.12.8
Parallel Port Interface to the FIFO
The DMAdir bit indicates the current direction (0
= in; 1 = out) of transfers between the FIFO and
the DMA logic. Due to a recent negotiation, this can differ from the current parallel-port interface
direction. The CPU must change the direction after it receives an interrupt showing a direction
change. The FIFOlock bit (PACR[4]) stops the DMA pipeline, useful in diagnostics.
5.12.9
1284 Negotiations
All IEEE STD 1284 protocol negotiations are initiated by the master side. The role of the CD1284
is to accept or reject the attempted negotiation. The NER contains bits to individually enable
specific IEEE 1284 modes.
The various IEEE 1284 modes require negotiations on the parallel interface before they can be
entered. Until a successful negotiation sequence is complete, the interface remains in Compatibility
mode. These negotiations occur in two stages; both stages occur automatically after the device is
commanded to begin the negotiation procedure to a particular mode. The first stage determines if
the slave is IEEE 1284-compatible. Once determined, the interface continues the process to
determine if the mode requested is supported. The result of the requested negotiation appears in the
NSR.
For negotiations to occur, the slave must enable the E1284 bit (PCR[6]). Data transfers require that
the ETxfr bit (PCR[5]) be set; negotiations can occur without data transfer enabled.
Figure 12. FIFO Data Path Functional Diagram — Transmit
FIFO (64 BYTES)
TAG
TAG
TAG (64 BITS)
DB[15:8]
DB[7:0]
PFCR
TAG BIT
(TRANSMIT)
STATUS
STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com