Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 34 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 34 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 30Page - Intel Corporation CD1284 Datasheet HTML 31Page - Intel Corporation CD1284 Datasheet HTML 32Page - Intel Corporation CD1284 Datasheet HTML 33Page - Intel Corporation CD1284 Datasheet HTML 34Page - Intel Corporation CD1284 Datasheet HTML 35Page - Intel Corporation CD1284 Datasheet HTML 36Page - Intel Corporation CD1284 Datasheet HTML 37Page - Intel Corporation CD1284 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
34
Datasheet
5.2.2
Write Cycles
Write cycle timing and strobe activity is nearly identical to read cycles except that the R/W* signal
must be held low. Write data, strobes, and address inputs must meet setup and hold times as
specified in Chapter 8.0. DTACK* indicates that the cycle is complete and the CD1284 has
accepted the data. Removing both CS* and DS* terminates the cycle.
5.2.3
Service-Acknowledge Cycles
Service-acknowledge cycles are a special-case read cycle. Timing is basically the same as a normal
read cycle, but one of the SVCACK* inputs is activated instead of the CS* input (a slightly longer
setup time is required on the SVCACK* input than on the CS* input). The data that the CD1284
provides during the read cycle is the contents of the Interrupt Vector register associated with the
type of request being acknowledged (RIVR for receive, TIVR for transmit, MIVR for modem, and
PIVR for parallel port) of the channel requesting service (see Section 5.3.1 for more information).
As with read and write cycles, DTACK* indicates the end of the cycle. When the CPU removes
DS* and SVCACK* the cycle terminates.
When the CPU has completed the service routine and writes to the EOSRR, a subsequent I/O cycle,
if started immediately, is delayed by approximately 1
µs. This is due to the time required by the
internal processor to complete activities associated with the switch out of the service-acknowledge
context. These activities involve FIFO pointer updates and restoration of the environment prior to
the service-request/service-acknowledge procedure. These must be completed before any internal
registers are modified by the CPU.
If the situation occurs that the CPU attempts an access before the internal procedures are complete,
the CD1284 holds off the cycle until it is ready. This does not cause a problem in system designs
that monitor DTACK*; the cycle is extended until DTACK* becomes active and the delay is
automatically met. If a system design does not monitor DTACK*, a mechanism must be provided
to introduce the required delay.
Warning:
Failure to observe the delay requirement can cause a device malfunction.
5.2.4
DMA Cycles
The CD1284 provides a bidirectional 16-bit DMA interface to the parallel port. This is the only
direct data interface to the port; other 8-bit register accesses use of the normal CPU interface, as
described above.
The handshake between the CD1284 and the DMA circuitry uses two signals: the DMAREQ*
(DMA Request) and the DMAACK* (DMA Acknowledge). The address bus is ignored during
DMA transfers. When internal conditions warrant a DMA transfer (as when the FIFO falls below
the programmed threshold in the forward direction or rises above the threshold in the reverse
direction) and DMA transfers are enabled by the PFCR, the device requests a DMA service by
driving the DMAREQ* signal low. DMAREQ* remains active until the FIFO has less than two
empty locations remaining (forward direction) or until the FIFO has less than 2 bytes remaining
(reverse direction).
In the forward direction, the DMA controller logic responds by placing data on the 16-bit data bus
and driving DMAACK* low. This cycle is repeated until the FIFO has less than two empty
locations remaining or there is no more data to send. In the reverse direction, the CD1284 responds
to the active DMAACK* signal by driving the contents of the DMABUF register onto the data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com