Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 37 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 37 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 33Page - Intel Corporation CD1284 Datasheet HTML 34Page - Intel Corporation CD1284 Datasheet HTML 35Page - Intel Corporation CD1284 Datasheet HTML 36Page - Intel Corporation CD1284 Datasheet HTML 37Page - Intel Corporation CD1284 Datasheet HTML 38Page - Intel Corporation CD1284 Datasheet HTML 39Page - Intel Corporation CD1284 Datasheet HTML 40Page - Intel Corporation CD1284 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
37
However, software can easily change this by clearing the DMAen bit (PFCR[6]) at the start of
the interrupt service routine and resetting it at the end.
• If SVCREQP* and DMAREQ* are logically OR’ed together, the service routine must start by
checking the SVRR to determine which signal is active.
• SVCACKP* must not be activated in response to DMAREQ* and likewise, DMAACK* must
not be activated in response to SVCREQ*.
• The DMAdir bit (PFCR[5]) can determine whether to write or read to/from the DMABUF
register.
• The PFQR can determine how many reads of the 16-bit DMABUF register are necessary to
empty the pipeline. Note however, four must be added to the PFQR value, that number must
then be divided by two and truncated to the nearest integer (to account for the extra four bytes
in the two holding registers and the 16-bit DMABUF register, as well as 16-bit reads instead of
8-bit reads).
5.3.2.1
Hardware-Activated Context Switch — Serial Channels
The internal register manipulation involved in a context switch can be forced by SVCACK*
(Service Acknowledge input pins on the CD1284). There is one SVCACK* for each service
request type: SVCACKR* for receive service requests, SVCACKT* for transmit service requests,
and SVCACKM* for modem signal-change service requests. Each of these inputs is a special-case
chip select. These cause the MPU to set up the CD1284 for servicing that particular service request
type for the requesting channel.
Note that the CS* input is not activated on service-acknowledge cycles. Instead, the appropriate
SVCACK* input and the DGRANT* inputs are used. Later in this section, DGRANT* is discussed
in a description about daisy-chaining the CD1284 with one or more CD1400s. Figure 5 shows a
generalized logic diagram of the hardware interface to the SVCACK* inputs. For a service
acknowledge, one of the SVCACK* address locations is accessed instead of the CS* location.
To the CPU, the service-acknowledge cycle is a read cycle. The data that the CD1284 places on the
bus for an SVCACK* during the read cycle are the contents of the appropriate Interrupt Vector
register (RIVR, TIVR or MIVR). These IVRs are associated with the active service-acknowledge
input (SVCACKR*, SVCACKT*, or SVCACKM*). The upper five bits of the IVR are whatever
was previously loaded into the LIVR by the CPU. The lower three bits are supplied by the CD1284
and indicate the type of interrupt (vector).
When the CD1284 is ready to post a service request for a serial channel, it copies the upper five bits
of the LIVR into the appropriate vector register (RIVR, TIVR, MIVR), then places the request type
vector in the lower three bits. Table 14 shows the assignment of the request type bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com