Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 24 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 24 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 20Page - Intel Corporation CD1284 Datasheet HTML 21Page - Intel Corporation CD1284 Datasheet HTML 22Page - Intel Corporation CD1284 Datasheet HTML 23Page - Intel Corporation CD1284 Datasheet HTML 24Page - Intel Corporation CD1284 Datasheet HTML 25Page - Intel Corporation CD1284 Datasheet HTML 26Page - Intel Corporation CD1284 Datasheet HTML 27Page - Intel Corporation CD1284 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
24
Datasheet
4.0
Register Summary
4.1
Register Summary Tables
Table 2.
Global Registers
Name
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
CAR
68
Poll
Poll
Poll
Poll
Poll
0
C1
C0
108
GFRCR
4F
Firmware Revision Code
108
GPDIR
71
Dir 7
Dir 6
Dir 5
Dir 4
Dir 3
Dir 2
Dir 1
Dir 0
109
GPIO
70
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
109
MICR
45
X
X
X
X
C1
C0
X
X
109
MIR
69
MdIreq
Mdbusy
Mdunfair
0
1
0
ch[1]
ch[0]
110
PIR
61
PPIreq
PPort
Pipeline
0
0
0
0
0
111
PPR
7E
8-Bit Binary Value
111
RICR
44
X
X
X
X
C1
C0
X
X
112
RIR
6B
RxIreq
Rxbusy
Rxunfair
1
1
0
ch[1]
ch[0]
112
SVRR
67
DMAREQ
ExtM
ExtT
ExtR
SRP
SRM
SRT
SRR
112
TICR
45
X
X
X
X
C1
C0
X
X
113
TIR
6A
TxIreq
Txbusy
Txunfair
1
0
0
ch[1]
ch[0]
113
Table 3.
Virtual Registers — Serial
Name
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
MISR
4C
DSRch
CTSch
RIch
CDch
0
0
0
0
114
MIVR
41
XXX
X
X
IT2
IT1
IT0
114
PIVR
40
X
X
X
X
X
IT2
IT1
IT0
115
RDSR
(data)
62
Received Character
115
RDSR
(status
)
62
Timeout
SC Det2
SC Det1
SC Det0
Break
PE
FE
OE
115
RIVR
43
XXX
X
X
IT2
IT1
IT0
116
TDR
63
Transmit Character
117
TIVR
42
XXX
X
X
IT2
IT1
IT0
117
Table 4.
Virtual Registers — Serial and Parallel
Name
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
EOSRR
60
XXX
XX
X
X
X
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com