Electronic Components Datasheet Search
  English  ▼

X  

CD1284 Datasheet(PDF) 79 Page - Intel Corporation

Part # CD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1284 Datasheet(HTML) 79 Page - Intel Corporation

Back Button CD1284 Datasheet HTML 75Page - Intel Corporation CD1284 Datasheet HTML 76Page - Intel Corporation CD1284 Datasheet HTML 77Page - Intel Corporation CD1284 Datasheet HTML 78Page - Intel Corporation CD1284 Datasheet HTML 79Page - Intel Corporation CD1284 Datasheet HTML 80Page - Intel Corporation CD1284 Datasheet HTML 81Page - Intel Corporation CD1284 Datasheet HTML 82Page - Intel Corporation CD1284 Datasheet HTML 83Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
79
5.12.5
Interrupts
Interrupts are enabled in the PCIER and interrupt status can be read in the PCISR. These two
registers have the same format.
5.12.6
Manual Mode
Manual mode allows direct control of the five output control signals and the PD bus. It is not
intended for data transfers, but rather for advanced diagnostics. Enter Manual mode by setting the
ManMd bit (PCR[7]) when the interface is in Compatibility mode.
The MMDir bit (PCR[1]) sets the direction of the PD bus: 0
= input; 1 = output. When the MMDir
bit is set to ‘1’, data for the PD bus comes from the MDR. The ManOE bit controls the tristate
buffer on the PD bus: 0
= floating; 1 = driving. When MMDir is ‘0’, ManOE is ignored, PD[7:0]
are inputs, and the data can be read in the MDR.
5.12.7
Control Signals
Output signals are controlled by the OVR. The degree of control depends on the current mode. In
Manual mode, all five signals are under user control. In Compatible and EPP modes, only three
signals are available; the others are set by the state machine.
IVR, ZDR, ODR, and SSR monitor the four input signals. These four registers have a common
format. The IVR always shows the values of the four input pins. The ZDR and ODR allow the user
to force interrupts on specific signal transitions. Bits set in ZDR generate an interrupt if the
specified signal changes from ‘1’ to ‘0’. Similarly, bits set in ODR cause an interrupt if the
specified signal changes from ‘0’ to ‘1’. Setting both bits generates interrupts on either transition.
The SSR shows the status of signal changes according to ZDR and ODR. SSR indicates which
signal changed. (It is necessary for the user to read IVR to determine how the signal changed.) The
signal change interrupt is enabled with the SigCh bit (PCIER[4]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com