Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 32 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5770R Datasheet HTML 28Page - Analog Devices AD5770R Datasheet HTML 29Page - Analog Devices AD5770R Datasheet HTML 30Page - Analog Devices AD5770R Datasheet HTML 31Page - Analog Devices AD5770R Datasheet HTML 32Page - Analog Devices AD5770R Datasheet HTML 33Page - Analog Devices AD5770R Datasheet HTML 34Page - Analog Devices AD5770R Datasheet HTML 35Page - Analog Devices AD5770R Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
AD5770R
Data Sheet
Rev. 0 | Page 32 of 59
Scaling
Code
Channel 0,
0 mA to
300 mA Range
Channel 1,
0 mA to
140 mA Range
Channel 1,
0 mA to
250 mA Range
Channel 2,
0 mA to
55 mA Range
Channel 2,
0 mA to
150 mA Range
Channel 3 to
Channel 5, 0 mA
to 45 mA Range
Channel 3 to
Channel 5, 0 mA
to 100 mA Range
33
223
104
186
41
111
33
74
34
220
103
184
40
110
33
73
35
218
102
182
40
109
33
73
36
216
101
180
40
108
32
72
37
213
100
178
39
107
32
71
38
211
98
176
39
105
32
70
39
209
97
174
38
104
31
70
40
206
96
172
38
103
31
69
41
204
95
170
37
102
31
68
42
202
94
168
37
101
30
67
43
199
93
166
37
100
30
66
44
197
92
164
36
98
30
66
45
195
91
162
36
97
29
65
46
192
90
160
35
96
29
64
47
190
89
158
35
95
28
63
48
188
88
156
34
94
28
63
49
185
86
154
34
93
28
62
50
183
85
152
34
91
27
61
51
180
84
150
33
90
27
60
52
178
83
148
33
89
27
59
53
176
82
146
32
88
26
59
54
173
81
145
32
87
26
58
55
171
80
143
31
86
26
57
56
169
79
141
31
84
25
56
57
166
78
139
31
83
25
55
58
164
77
137
30
82
25
55
59
162
75
135
30
81
24
54
60
159
74
133
29
80
24
53
61
157
73
131
29
79
24
52
62
155
72
129
28
77
23
52
63
152
71
127
28
76
23
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com