Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 40 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 40 Page - Analog Devices

Back Button AD5770R Datasheet HTML 36Page - Analog Devices AD5770R Datasheet HTML 37Page - Analog Devices AD5770R Datasheet HTML 38Page - Analog Devices AD5770R Datasheet HTML 39Page - Analog Devices AD5770R Datasheet HTML 40Page - Analog Devices AD5770R Datasheet HTML 41Page - Analog Devices AD5770R Datasheet HTML 42Page - Analog Devices AD5770R Datasheet HTML 43Page - Analog Devices AD5770R Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
AD5770R
Data Sheet
Rev. 0 | Page 40 of 59
Address: 0x0B, Reset: 0x82, Name: SPI_REVISION
SPI Standard Vers ion
0
0
1
1
2
0
3
0
4
0
5
0
6
0
7
1
[7:0] VERSION (R)
Table 21. Bit Descriptions for SPI_REVISION
Bits
Bit Name
Description
Reset
Access
[7:0]
Version
SPI standard version. Analog Devices SPI standard used.
0x82
R
Address: 0x0C, Reset: 0x56, Name: VENDOR_L
Manufacturer ID
0
0
1
1
2
1
3
0
4
1
5
0
6
1
7
0
[7:0] VID[7:0] (R)
Table 22. Bit Descriptions for VENDOR_L
Bits
Bit Name
Description
Reset
Access
[7:0]
VID[7:0]
Manufacturer ID. Analog Devices ID = 0x0456.
0x56
R
Address: 0x0D, Reset: 0x04, Name: VENDOR_H
Manufacturer ID
0
0
1
0
2
1
3
0
4
0
5
0
6
0
7
0
[7:0] VID[15:8] (R)
Table 23. Bit Descriptions for VENDOR_H
Bits
Bit Name
Description
Reset
Access
[7:0]
VID[15:8]
Manufacturer ID. Analog Devices ID = 0x0456.
0x4
R
Address: 0x0E, Reset: 0x00, Name: STREAM_MODE
Stream Length
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] LENGTH (R/W)
Table 24. Bit Descriptions for STREAM_MODE
Bits
Bit Name
Description
Reset
Access
[7:0]
LENGTH
Stream length. These bits set the length of registers addresses to increment/decrement when streaming
multiple bytes of data before looping back to the first register address. When the contents of this register
are cleared, register addresses increment/decrement when in streaming mode until the end of the
address space before looping to the last/first address and continuing to increment/decrement.
0x0
R/W
Address: 0x10, Reset: 0x20, Name: INTERFACE_CONFIG_C
Strict Entity Acces s
0
0
1
0
2
0
3
0
4
0
5
1
6
0
7
0
[7:6] RESERVED
[4:0] RESERVED
[5] STRICT_REGISTER_ACCESS (R)
Table 25. Bit Descriptions for INTERFACE_CONFIG_C
Bits
Bit Name
Description
Reset
Access
[7:6]
Reserved
Reserved.
0x0
R
5
STRICT_REGISTER_ACCESS
Strict register access. When this bit is set, all multibyte registers must be written to in a
single SPI transaction. The address used must be the address of the most significant
byte when address ascension is off or the address of the least significant byte when
address accession is on.
0x1
R
[4:0]
Reserved
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com