Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 3 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 3 Page - Analog Devices

  AD5770R Datasheet HTML 1Page - Analog Devices AD5770R Datasheet HTML 2Page - Analog Devices AD5770R Datasheet HTML 3Page - Analog Devices AD5770R Datasheet HTML 4Page - Analog Devices AD5770R Datasheet HTML 5Page - Analog Devices AD5770R Datasheet HTML 6Page - Analog Devices AD5770R Datasheet HTML 7Page - Analog Devices AD5770R Datasheet HTML 8Page - Analog Devices AD5770R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
Data Sheet
AD5770R
Rev. 0 | Page 3 of 59
SPECIFICATIONS
AVDD = DVDD = 2.9 V to 5.5 V, PVDD = 0.8 V to AVDD − 0.4 V, AVEE = −3.0 V to 0 V, 2.5 V ≤ PVDD − AVEE ≤ 5.5 V,
IOVDD = 1.65 V to 5.5 V, AVEE ≤ PVEE0 ≤ 0 V, AVDD − PVEE0 ≤ 5.5 V, VREF = 1.25 V external voltage reference, ambient
temperature (TA) = −40°C to +105°C, unless otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE, EXTERNAL RSET2
VREF = 1.25 V external voltage reference,
assumes ideal 2.5 kΩ external RSET resistor,
all channels and all output current ranges
Resolution
14
Bits
Relative Accuracy (INL)
−6.5
+6.5
LSB
Differential Nonlinearity (DNL)
−1
+1
LSB
TA = −20°C to +105°C, guaranteed
monotonic
−1
+1.2
LSB
Guaranteed monotonic
Total Unadjusted Error
−1.3
+1.3
% full-scale
range (FSR)
Zero-Scale Error
+600
μA
All 0s loaded into the DAC register
Zero-Scale Error Drift
500
nA/°C
Channel 0, Channel 1
300
nA/°C
Channel 2
170
nA/°C
Channel 3, Channel 4, Channel 5
Offset Error
−600
+600
μA
Offset Error Drift
1
μA/°C
Channel 0, Channel 1
0.5
μA/°C
Channel 2, Channel 3, Channel 4, Channel 5
Full-Scale Error
−1.3
+1.3
% FSR
All 1s loaded into the DAC register
Full-Scale Error Drift
20
ppm/°C
Channel 0, Channel 1
50
ppm/°C
Channel 2, Channel 3, Channel 4, Channel 5
Gain Error
−1.3
+1.3
% FSR
Gain Temperature Coefficient
30
ppm/°C
Channel 0, Channel 1
80
ppm/°C
Channel 2, Channel 3, Channel 4, Channel 5
DC Crosstalk
2
LSB
TA = 25°C, due to full-scale change in output
current on a single adjacent channel
DC Power Supply Rejection Ratio (PSRR)
17
μA/V
TA = 25°C, DAC register loaded to full scale
STATIC PERFORMANCE, INTERNAL RSET
VREF = 1.25 V internal voltage reference,
all channels and all output current ranges
Resolution
14
Bits
Relative Accuracy (INL)
−6.5
+6.5
LSB
Differential Nonlinearity (DNL)
−1
+1
LSB
TA = −20°C to +105°C, guaranteed
monotonic
−1
+1.2
LSB
Guaranteed monotonic
Total Unadjusted Error (TUE)
−1.3
+1.3
% FSR
Zero-Scale Error
+600
μA
All 0s loaded into the DAC register
Zero-Scale Error Drift
500
nA/°C
Channel 0, Channel 1
300
nA/°C
Channel 2
170
nA/°C
Channel 3, Channel 4, Channel 5
Offset Error
−600
+600
μA
Offset Error Drift
1
μA/°C
Channel 0, Channel 1
0.5
μA/°C
Channel 2, Channel 3, Channel 4, Channel 5
Full-Scale Error
−1.3
+1.3
% FSR
All 1s loaded into the DAC register
Full-Scale Error Drift
20
ppm/°C
Channel 0, Channel 1
50
ppm/°C
Channel 2, Channel 3, Channel 4, Channel 5
Gain Error
−1.3
+1.3
% FSR
Gain Temperature Coefficient
30
ppm/°C
Channel 0, Channel 1
80
ppm/°C
Channel 2, Channel 3, Channel 4, Channel 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com