Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 27 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5770R Datasheet HTML 23Page - Analog Devices AD5770R Datasheet HTML 24Page - Analog Devices AD5770R Datasheet HTML 25Page - Analog Devices AD5770R Datasheet HTML 26Page - Analog Devices AD5770R Datasheet HTML 27Page - Analog Devices AD5770R Datasheet HTML 28Page - Analog Devices AD5770R Datasheet HTML 29Page - Analog Devices AD5770R Datasheet HTML 30Page - Analog Devices AD5770R Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
Data Sheet
AD5770R
Rev. 0 | Page 27 of 59
SPI Frame Synchronization
The CS pin is used to frame data during an SPI transaction. A
falling edge on CS initiates a SPI transaction. Deasserting CS
during a SPI transaction terminates part or all of the data transfer.
If CS is deasserted (returned high) before the instruction phase
is complete, the transaction aborts and the AD5770R returns to
the ready state. If CS is deasserted before the first data word is
written, the transaction aborts and the AD5770R returns to the
ready state. If CS is deasserted after one or more data words have
been written, those completed data words are written or read, but
any partial written data words are aborted.
Streaming Mode
The CS pin can be held low, and multiple data bytes can be
shifted during the data phase, which reduces the amount of
overhead associated with data transfer. This mode of operation
is known as streaming mode. When in streaming mode, the
register address sent in the instruction phase is automatically
incremented or decremented after each byte of data is processed.
The ADDR_ASCENSION_MSB bit and ADDR_ASCENSION_
LSB bit in the INTERFACE_CONFIG_A register selects the
address increment or decrement. The default operation is to
decrement addresses when streaming data. Figure 72 illustrates
a streaming mode SPI write transaction in which the six input
registers are accessed using only a single instruction byte. The
register address is automatically decremented after each data
byte is processed. Figure 73 illustrates a streaming mode SPI
read transaction in which the six DAC registers are accessed
using a decrementing address.
Single Instruction Mode
When the single instruction bit is set in the INTERFACE_
CONFIG_B register, streaming mode is disabled, and the
AD5770R is placed in single instruction mode. In single instruction
mode, the internal SPI state machine resets after the data phase as if
CS was deasserted, and awaits the next instruction. Single
instruction mode forces each data phase to be preceded with a
new instruction phase even though the CS line has not been
deasserted by the SPI master. Single instruction mode allows the
user to access one or more registers in a single synchronization
frame without having to deassert the CS line after each data bye.
The default for this bit is cleared, resulting in streaming mode
being enabled.
Figure 74 illustrates an SPI transaction in single instruction mode
in which the following sequence of events occur:
1. Sets the output range of Channel 1.
2. Enables the output of Channel 1.
3. Writes to the Channel 1 DAC register.
4. Reads the status register.
Multibyte Registers
If writing to a multibyte register, CS must be held low for the
whole transaction for the write to be valid. The address used
must be the address of the most significant byte. The ADDR_
ASCENSION_MSB bit and the ADDR_ASCENSION_LSB bit in
the INTERFACE_CONFIG_A register must be cleared. This
applies when reading or writing to any multibyte register in
both single instruction mode and streaming mode. Figure 75
illustrates a multibyte register access. The AD5770R contains 14
multibyte registers, as follows:
•
Six input registers.
•
Six DAC registers.
•
One input page mask register.
•
One DAC page mask register.
CS
SDI
INSTRUCTION PHASE
CH5_INPUT_MSB ADDRESS
CH5_INPUT_MSB
DATA PHASE
W
CH5_INPUT_LSB
CH0_INPUT_MSB
CH0_INPUT_LSB
Figure 72. Streaming Mode SPI Write Transaction with Decrementing Address
CS
SDI
SDO
INSTRUCTION PHASE
CH5_DAC_LSB ADDRESS
DON’T CARE
DATA PHASE
R
DON’T CARE
DON’T CARE
DON’T CARE
CH5_DAC_MSB
CH5_DAC_LSB
CH0_DAC_MSB
CH0_DAC_MSB
Figure 73. Streaming Mode SPI Read Transaction with Decrementing Address
CS
SDI
SDO
INSTRUCTION PHASE
OUTPUT_RANGE_CH1 CH1_MODE
CH_CONFIG CH1 OUTPUT EN
CH1_DAC_MSB
MSB BYTE
LSB BYTE
R
STATUS DON’T CARE
DATA PHASE
W
W
W
STATUS
Figure 74. SPI Transaction in Single Instruction Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com