Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 17 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5770R Datasheet HTML 13Page - Analog Devices AD5770R Datasheet HTML 14Page - Analog Devices AD5770R Datasheet HTML 15Page - Analog Devices AD5770R Datasheet HTML 16Page - Analog Devices AD5770R Datasheet HTML 17Page - Analog Devices AD5770R Datasheet HTML 18Page - Analog Devices AD5770R Datasheet HTML 19Page - Analog Devices AD5770R Datasheet HTML 20Page - Analog Devices AD5770R Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
Data Sheet
AD5770R
Rev. 0 | Page 17 of 59
0.005
–0.025
–0.020
–0.015
–0.010
–0.005
0
0
16000
CODE
2000
4000
6000
8000
10000
12000
14000
+105°C
+85°C
+25°C
–40°C
Figure 35. Total Unadjusted Error vs. DAC Code for Various Temperatures
(Channel 2, 0 mA to 150 mA Range)
0.03
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0
16000
CODE
2000
4000
6000
8000
10000
12000
14000
+105°C
+85°C
+25°C
–40°C
Figure 36. Total Unadjusted Error vs. DAC Code for Various Temperatures
(Channel 3, 0 mA to 100 mA Range)
0.010
–0.030
–0.025
–0.020
–0.015
–0.010
–0.005
0
0.005
0
16000
CODE
2000
4000
6000
8000
10000
12000
14000
+105°C
+85°C
+25°C
–40°C
Figure 37. Total Unadjusted Error vs. DAC Code for Various Temperatures
(Channel 4, 0 mA to 100 mA Range)
0.03
–0.03
–0.02
–0.01
0
0.01
0.02
0
16000
CODE
2000
4000
6000
8000
10000
12000
14000
+105°C
+85°C
+25°C
–40°C
Figure 38. Total Unadjusted Error vs. DAC Code for Various Temperatures
(Channel 5, 0 mA to 100 mA Range)
1.6
0
–10
0
10
20
40
30
50
TIME (µs)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
WITH 5Ω LOAD
CH1 (0mA TO 250mA)
CH0 (0mA TO 300mA)
CH0 (–60mA TO +300mA)
Figure 39. Full-Scale Settling Time (Rising Step)
1.6
0
–10
0
10
20
30
40
TIME (µs)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
WITH 5Ω LOAD
CH1 (0mA TO 250mA)
CH0 (0mA TO 300mA)
CH0 (–60mA TO +300mA)
Figure 40. Full-Scale Settling Time (Falling Step)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com