Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 34 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 34 Page - Analog Devices

Back Button AD5770R Datasheet HTML 30Page - Analog Devices AD5770R Datasheet HTML 31Page - Analog Devices AD5770R Datasheet HTML 32Page - Analog Devices AD5770R Datasheet HTML 33Page - Analog Devices AD5770R Datasheet HTML 34Page - Analog Devices AD5770R Datasheet HTML 35Page - Analog Devices AD5770R Datasheet HTML 36Page - Analog Devices AD5770R Datasheet HTML 37Page - Analog Devices AD5770R Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
AD5770R
Data Sheet
Rev. 0 | Page 34 of 59
Because the AD5770R can dissipate a large amount of power, it is
recommended to provide some heat sinking capability to allow
power to dissipate easily.
For the WLCSP package, heat is transferred through the solder
balls to the PCB board. θJA thermal impedance is dependent on
board construction. More copper layers enable heat to be
removed more effectively.
If using an external RSET resistor, the low side of the RSET resistor
must be connected to REFGND before the connection to
AGND. Ensure that the width of the trace connecting RSET to
the IREF pin is as wide as possible to reduce the resistance and
the temperature coefficient of the trace.
Table 11. Thermal Considerations for 49-Ball WLCSP Package
Parameter
Description
Maximum Power Dissipation
Maximum allowed AD5770R power dissipation (PDISS) when operating at an ambient temperature of 105°C,
150 105 1.5 W
30
JMAX
A
JA
TT
−
−
=
=
θ
Maximum Ambient
Temperature
Maximum allowed ambient temperature, when dissipating 1.985 W across the AD5770R:
TJMAX – PDISS × θJA = 150 – (1.985 × 30) = 90.45°C
Power dissipation calculation example:
AVDD = DVDD = IOVDD = 3.3 V, PVDDx = 2.9 V
AVEE = PVEE0 = 0 V, RLOAD = 5 Ω per channel, AD5770R quiescent power dissipation = 110 mW
IDAC0 = 300 mA, power dissipation = 420 mW
IDAC1 = 250 mA, power dissipation = 412.5 mW
IDAC2 = 150 mA, power dissipation = 322.5 mW
IDAC3, IDAC4, IDAC5 = 100 mA, power dissipation = 720 mW
Total power dissipation = 110 mW + 1.875 W = 1.985 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com