Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 41 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 41 Page - Analog Devices

Back Button AD5770R Datasheet HTML 37Page - Analog Devices AD5770R Datasheet HTML 38Page - Analog Devices AD5770R Datasheet HTML 39Page - Analog Devices AD5770R Datasheet HTML 40Page - Analog Devices AD5770R Datasheet HTML 41Page - Analog Devices AD5770R Datasheet HTML 42Page - Analog Devices AD5770R Datasheet HTML 43Page - Analog Devices AD5770R Datasheet HTML 44Page - Analog Devices AD5770R Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
Data Sheet
AD5770R
Rev. 0 | Page 41 of 59
Address: 0x11, Reset: 0x00, Name: INTERFACE_STATUS_A
Interface Not Ready
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] INTERFACE_NOT_READY (R)
[6:0] RESERVED
Table 26. Bit Descriptions for INTERFACE_STATUS_A
Bits
Bit Name
Description
Reset
Access
7
INTERFACE_NOT_READY
Interface not ready. When this bit is set, the device is not ready to receive data on the
SPI bus.
0x0
R
[6:0]
Reserved
Reserved.
0x0
R
Address: 0x14, Reset: 0x80, Name: CHANNEL_CONFIG
Channel 0 Sink Current Generator
Enable
1: Enable.
0: Disable.
Channel 0 Output Enable
1: Norm al Operation.
0: Output Shutdown.
Channel 1 Output Enable
1: Norm al Operation.
0: Output Shutdown.
Channel 5 Output Enable
1: Norm al Operation.
0: Output Shutdown.
Channel 2 Output Enable
1: Norm al Operation.
0: Output Shutdown.
Channel 4 Output Enable
1: Norm al Operation.
0: Output Shutdown.
Channel 3 Output Enable
1: Norm al Operation.
0: Output Shutdown.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
1
[7] CH0_SINK_EN (R/W)
[0] CH0_SHUTDOWN_B (R/W)
[6] RESERVED
[1] CH1_SHUTDOWN_B (R/W)
[5] CH5_SHUTDOWN_B (R/W)
[2] CH2_SHUTDOWN_B (R/W)
[4] CH4_SHUTDOWN_B (R/W)
[3] CH3_SHUTDOWN_B (R/W)
Table 27. Bit Descriptions for CHANNEL_CONFIG
Bits
Bit Name
Description
Reset
Access
7
CH0_SINK_EN
Channel 0 sink current generator enable. When this bit is set, Channel 0 sink current is
enabled.
0x1
R/W
0: disable.
1: enable.
6
Reserved
Reserved.
0x0
R
5
CH5_SHUTDOWN_B
Channel 5 output enable. This active low enable bit shuts down the output of IDAC5
when asserted.
0x0
R/W
0: output shutdown.
1: normal operation.
4
CH4_SHUTDOWN_B
Channel 4 output enable. This active low enable bit shuts down the output of IDAC4 when
asserted.
0x0
R/W
0: output shutdown.
1: normal operation.
3
CH3_SHUTDOWN_B
Channel 3 output enable. This active low enable bit shuts down the output of IDAC3 when
asserted.
0x0
R/W
0: output shutdown.
1: normal operation.
2
CH2_SHUTDOWN_B
Channel 2 output enable. This active low enable bit shuts down the output of IDAC2 when
asserted.
0x0
R/W
0: output shutdown.
1: normal operation.
1
CH1_SHUTDOWN_B
Channel 1 output enable. This active low enable bit shuts down the output of IDAC1 when
asserted.
0x0
R/W
0: output shutdown.
1: normal operation.
0
CH0_SHUTDOWN_B
Channel 0 output enable. This active low enable bit shuts down the output of IDAC0 when
asserted.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com