Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 28 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5770R Datasheet HTML 24Page - Analog Devices AD5770R Datasheet HTML 25Page - Analog Devices AD5770R Datasheet HTML 26Page - Analog Devices AD5770R Datasheet HTML 27Page - Analog Devices AD5770R Datasheet HTML 28Page - Analog Devices AD5770R Datasheet HTML 29Page - Analog Devices AD5770R Datasheet HTML 30Page - Analog Devices AD5770R Datasheet HTML 31Page - Analog Devices AD5770R Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
AD5770R
Data Sheet
Rev. 0 | Page 28 of 59
CS
SDI
W CH3_DAC_MSB ADDRESS
CH3_DAC_MSB
CH3_DAC_LSB
INSTRUCTION PHASE
DATA PHASE
Figure 75. Multibyte Register Write
RESET FUNCTION
The AD5770R has an asynchronous RESET pin. For normal
operation, RESET is tied high. Asserting the RESET pin to logic
low for at least 10 ns resets all registers to their default values.
The reset function takes 100 ns, maximum. Data must not be
written to the device during this time.
The AD5770R has a software reset function that performs the
same function as the RESET pin, with the exception of not
resetting the INTERFACE_CONFIG_A register. The reset
function is activated by setting the SW_RESET_MSB and
SW_RESET_LSB bits in the INTERFACE_CONFIG_A register.
The SW_RESET_MSB and SW_RESET_LSB bits clear
automatically during a software reset.
A reset function must not be performed when the TEMP_
WARNING bit in the status register is high. Ensure that the device
reads the correct trim values from the internal memory.
LOAD DAC
The AD5770R DAC consists of double buffered registers for the
DAC code. Data for one or many channels can be written to the
input register without changing the DAC outputs. A load DAC
command issued to the device transfers input register content into
the DAC register, updating the DAC output.
Hardware LDAC Pin
The AD5770R has an active low LDAC pin that can synchronize
updates to the outputs of the DACs. When LDAC is held high,
DAC codes can be written to the input registers of the DAC
without affecting the output. When LDAC is taken low, the
contents of the input register are transferred to the DAC register
of the corresponding channel, and the output updates. The
LDAC idle high behavior is shown in Figure 2.
When the LDAC pin is held low before the last rising edge of CS
prior to the beginning of a new SPI transaction and the input
registers contents are modified, the update to the DAC output
happens when the LSB of the DAC input register is written. The
LDAC idle low behavior is shown in Figure 2 and Figure 3.
The LDAC pin functionality can be masked for any or all
channels by configuring the corresponding HW_LDAC_
MASK_CHx bits high in the HW_LDAC register, which is
useful in cases where only a selection of channels are required to
update synchronously.
Software LDAC
It is possible to transfer data from any or all input registers to
the corresponding DAC registers with a write to the SW_LDAC
register, which is useful in cases where only a selection of channels
are required to update synchronously.
Setting the SW_LDAC register for any channel updates the selected
channels DAC register with the input register contents. The
contents of the SW_LDAC register clear to 0x00 after a software
LDAC operation.
INPUT PAGE MASK REGISTER
Following a write to the input page mask register, the code
loaded into this register is copied into the input register of any
channels selected in the CH_SELECT register.
DAC PAGE MASK REGISTER
Following a write to the DAC page mask register, the DAC code
loaded into this register is copied into the DAC register of any
channels selected in the CH_SELECT register.
OUTPUT STAGES
Each of the six AD5770R channels has a programmable current
output stage that sets the required output current.
Channel 0 Sink Current Generator
To sink current on Channel 0, the sink current generator must
be enabled by setting the CH0_SINK_EN bit in the CHANNEL_
CONFIG register to one. On power-up, the sink current generator
is enabled.
Output Shutdown
On power-up, the outputs of each channel are in shutdown mode.
When a DAC output is in shutdown mode, the output current is
set to 0 mA. However, the bias circuitry for each IDACx channel
remains powered up, and only the output is shut down. The
shutdown bits for each register are located in the CHANNEL_
CONFIG register. When changing between output modes on a
DAC channel, the output stage of the channel must be shut down
to prevent glitches on the output.
Channel 0
Channel 0 of the AD5770R sinks up to 60 mA and sources up to
300 mA of current. This channel has three different modes of
operation. The CH0_MODE bits in the OUTPUT_RANGE_CH0
register configure the different modes. The configuration options
for Channel 0 are listed in Table 8.
On power-up, Channel 0 defaults to the 0 mA to 300 mA range.
Channel 0 has a sinking only mode of −60 mA to 0 mA. In
this mode, the DAC has a zero-scale output of −60 mA and a
full-scale output of 0 mA. To enter this mode safely without
output glitches, the output must be shut down first by setting
CH0_SHUTDOWN_B high in the CHANNEL_CONFIG register.
Channel 0 has a sourcing and sinking mode where the DAC has
a zero-scale output of −60 mA and a full-scale output of +300 mA.
To reduce glitches on the output of Channel 0, CH0_MODE
must be configured before taking the output out of shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com