Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 22 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5770R Datasheet HTML 18Page - Analog Devices AD5770R Datasheet HTML 19Page - Analog Devices AD5770R Datasheet HTML 20Page - Analog Devices AD5770R Datasheet HTML 21Page - Analog Devices AD5770R Datasheet HTML 22Page - Analog Devices AD5770R Datasheet HTML 23Page - Analog Devices AD5770R Datasheet HTML 24Page - Analog Devices AD5770R Datasheet HTML 25Page - Analog Devices AD5770R Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
AD5770R
Data Sheet
Rev. 0 | Page 22 of 59
33.6
32.0
2.0
6.0
SUPPLY VOLTAGE (V)
32.2
32.4
32.6
32.8
33.0
33.2
33.4
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Figure 63. AVDD Supply Current (IAVDD) vs. Supply Voltage for Five AD5770R
Devices
1.16
1.10
2.0
6.0
SUPPLY VOLTAGE (V)
1.11
1.12
1.13
1.14
1.15
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Figure 64. DVDD Supply Current (IDVDD) vs. Supply Voltage for Five AD5770R
Devices
4.0
1.0
1.0
6.0
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
2.0
3.0
4.0
5.0
5.5
1.5
2.5
3.5
4.5
Figure 65. IOVDD Supply Current vs. IOVDD Supply Voltage for Five
AD5770R Devices
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2.0
6.0
SUPPLY VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Figure 66. IOVDD Supply Current vs. IOVDD Supply Voltage for
Five AD5770R Devices
33.5
30.5
–50
110
31.0
31.5
32.0
32.5
33.0
–30
–10
10
30
50
70
90
TEMPERATURE (°C)
Figure 67. IAVDD vs. Temperature for Ten AD5770R Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com