Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 1 Page - Analog Devices

  AD5770R Datasheet HTML 1Page - Analog Devices AD5770R Datasheet HTML 2Page - Analog Devices AD5770R Datasheet HTML 3Page - Analog Devices AD5770R Datasheet HTML 4Page - Analog Devices AD5770R Datasheet HTML 5Page - Analog Devices AD5770R Datasheet HTML 6Page - Analog Devices AD5770R Datasheet HTML 7Page - Analog Devices AD5770R Datasheet HTML 8Page - Analog Devices AD5770R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
6-Channel, 14-Bit, Current Output DAC
with On-Chip Reference, SPI Interface
Data Sheet
AD5770R
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
6-channel, current output DAC
14-bit resolution
Programmable output current ranges
Channel 0: 0 mA to 300 mA, −60 mA to +300 mA, −60 mA
to 0 mA
Channel 1: 0 mA to 140 mA, 0 mA to 250 mA
Channel 2: 0 mA to 55 mA, 0 mA to 150 mA
Channel 3, Channel 4, Channel 5: 0 mA to 45 mA, 0 mA to
100 mA
All current sourcing output ranges scale back by up to 0.5×
1.25 V, on-chip voltage reference
Integrated precision reference resistor
SPI interface
Reset function
Output current monitor
Compliance voltage monitor
Die temperature monitor
Integrated thermal shutdown
49-ball, 4 mm × 4 mm WLCSP package
Operating temperature: −40°C to +105°C
APPLICATIONS
Photonics control
LED driver programmable current source
Current mode biasing
GENERAL DESCRIPTION
The AD5770R is a 6-channel, 14-bit resolution, low noise,
programmable current output, digital-to-analog converter (DAC)
for photonics control applications. The device incorporates a
1.25 V, on-chip voltage reference, a 2.5 kΩ precision resistor for
reference current generation, die temperature, output monitoring
functions, fault alarm, and reset functions.
The AD5770R contains five 14-bit resolution current sourcing
DAC channels and one 14-bit resolution current sourcing and
sinking DAC channel.
Channel 0 can be configured to sink up to 60 mA and source up
to 300 mA. Channel 1 to Channel 5 have multiple programmable
output current sourcing ranges set by register access.
Each DAC operates with a wide power supply rail from 0.8 V to
AVDD − 0.4 V for optimizing power efficiency and thermal
power dissipation.
The AD5770R operates from a 2.9 V to 5.5 V AVDD supply and
is specified over the −40°C to +105°C temperature range.
FUNCTIONAL BLOCK DIAGRAM
TEMPERATURE
SENSOR
DAC
INPUT
REGISTER
DAC
REGISTER
DAC
INPUT
REGISTER
DAC
REGISTER
DAC
INPUT
REGISTER
DAC
REGISTER
INTERFACE
LOGIC
1.25V
REFERENCE
CS
SCLK
SDI
SDO
ALARM
LDAC
RESET
IREF
VREF_IO
AVDD
DVDD
IOVDD
IDAC0
IDAC1
IDAC5
PVDDx
CDAMP_IDACx
PVEE0
AGND
DGND
AVEE
CREF
CREG
AD5770R
2.5kΩ INTERNAL
RESISTOR
MUX_OUT
REFGND
Figure 1.


Similar Part No. - AD5770R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5778R AD-AD5778R Datasheet
1Mb / 26P
2-Channel, 300 mA Current Source Output 16-Bit SoftSpan DAC
Rev. 0
AD5778RBCPZ AD-AD5778RBCPZ Datasheet
1Mb / 26P
2-Channel, 300 mA Current Source Output 16-Bit SoftSpan DAC
Rev. 0
More results

Similar Description - AD5770R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
32-Channel, 14-Bit Voltage-Output DAC
logo
List of Unclassifed Man...
TDA1540 ETC-TDA1540 Datasheet
366Kb / 5P
14-Bit DAC (Serial Output)
logo
Analog Devices
AD5543 AD-AD5543 Datasheet
259Kb / 12P
Current Output/ Serial Input, 16-/14-Bit DAC
2/03-Data Sheet changed from REV. 0 to REV. A.
AD5371 AD-AD5371 Datasheet
300Kb / 25P
40-Channel, 14-Bit Serial Input, Voltage-Output DAC
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
32-Channel, 14-Bit Voltage-Output DAC
REV. D
logo
Maxim Integrated Produc...
MAX5113 MAXIM-MAX5113 Datasheet
8Mb / 27P
9-Channel, 14-Bit Current DAC with SPI Interface
Rev 2; 5/13
MAX5110 MAXIM-MAX5110 Datasheet
47Kb / 2P
9-Channel, 14-Bit Current DAC with SPI Interface
Rev 0; 2010-09-24
MAX5111 MAXIM-MAX5111 Datasheet
83Kb / 2P
9-Channel, 14-Bit, Current DAC with I짼C Interface
1/12/2015
logo
Analog Devices
AD5413 AD-AD5413 Datasheet
1Mb / 49P
Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
Rev. 0
AD45335 AD-AD45335 Datasheet
961Kb / 17P
32-Channel, 14-Bit DAC with Full-Scale Output
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com