Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 49 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 49 Page - Analog Devices

Back Button AD5770R Datasheet HTML 45Page - Analog Devices AD5770R Datasheet HTML 46Page - Analog Devices AD5770R Datasheet HTML 47Page - Analog Devices AD5770R Datasheet HTML 48Page - Analog Devices AD5770R Datasheet HTML 49Page - Analog Devices AD5770R Datasheet HTML 50Page - Analog Devices AD5770R Datasheet HTML 51Page - Analog Devices AD5770R Datasheet HTML 52Page - Analog Devices AD5770R Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
Data Sheet
AD5770R
Rev. 0 | Page 49 of 59
Bits
Bit Name
Description
Reset
Access
[3:0]
MON_CH
Monitor channel setup. These bits select the channel to be monitored when output voltage
or output current diagnostics are enabled.
0x0
R/W
0: Channel 0.
1: Channel 1.
10: Channel 2.
11: Channel 3.
100: Channel 4.
101: Channel 5.
Address: 0x24, Reset: 0x00, Name: STATUS
Background CRC Status
Overtem perature Warning Status
Overtem perature Fault Status
External IREF Res is tor Fault Status
Negative Voltage Channel 0 Status
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] BACKGROUND_CRC_STATUS (R)
[0] TEMP_WARNING (R)
[6:4] RESERVED
[1] OVER_TEMP (R)
[3] IREF_FAULT (R)
[2] NEGATIVE_CHANNEL0 (R)
Table 43. Bit Descriptions for STATUS
Bits
Bit Name
Description
Reset
Access
7
BACKGROUND_CRC_STATUS
Background CRC status. Read only status bit. When this bit is high, this signifies
that a background CRC of the memory map has failed and a memory bit may
have inadvertently flipped.
0x0
R
0: normal.
1: background CRC error activated.
[6:4]
Reserved
Reserved.
0x0
R
3
IREF_FAULT
External IREF resistor fault status. Read only status bit. When this bit is set, a fault
has been detected with the external reference current generation resistor, and
the internal resistor has been switched to avoid damage to the device.
0x0
R
0: normal.
1: IREF fault activated.
2
NEGATIVE_CHANNEL0
Negative Voltage Channel 0 status. Read only status bit. When this bit is set, a
fault has been detected due to a negative voltage being multiplexed to the
MUX_OUT pin when monitoring Channel 0.
0x0
R
0: normal.
1: negative Channel 0 activated.
1
OVER_TEMP
Overtemperature fault status. Read only status bit. When this bit is set, an
overtemperature fault occurrence has been detected. An overtemperature fault
occurs when the internal die temperature reaches approximately 145°C. A reset
command must be issued to the device to clear this bit.
0x0
R
0: normal.
1: overtemperature activated.
0
TEMP_WARNING
Overtemperature warning status. Read only status bit. When this bit is set, an
overtemperature warning occurrence has been detected. An overtemperature
warning occurs when the internal die temperature reaches approximately 125°C. This
bit is automatically cleared when the internal die temperature returns below 120°C.
0x0
R
0: normal.
1: temperature warning activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com