Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 9 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5770R Datasheet HTML 5Page - Analog Devices AD5770R Datasheet HTML 6Page - Analog Devices AD5770R Datasheet HTML 7Page - Analog Devices AD5770R Datasheet HTML 8Page - Analog Devices AD5770R Datasheet HTML 9Page - Analog Devices AD5770R Datasheet HTML 10Page - Analog Devices AD5770R Datasheet HTML 11Page - Analog Devices AD5770R Datasheet HTML 12Page - Analog Devices AD5770R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
Data Sheet
AD5770R
Rev. 0 | Page 9 of 59
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted
Table 5.
Parameter
Rating
AVDD to DVDD
−0.3 V to +0.3 V
AVDD to AGND
−0.3 V to +6.5 V
AVDD to PVDDx
−0.3 V to +6.5 V
AVDD to AVEE
−0.3 V to +10 V
AVEE to AGND
+0.3 V to −3.5 V
PVEE0 to AGND
+0.3 V to −3.5 V
AVEE to PVEE0
−3 .0 V to +0.3 V
PVDDx to AGND
−0.3 V to +6.5 V
PVDDx to AVEE
−0.3 V to +8.5 V
AVDD to PVEE0
−0.3 V to +6.5 V
VREF_IO to AGND
−0.3 V to AVDD + 0.3 V
IDAC0 to PVEE0
−0.3 V to +6.5 V
IDAC1 through IDAC5 to AGND
−0.3 V to PVDDx + 0.3 V
DVDD to DGND
−0.3 V to +6.5 V
IOVDD to DGND
−0.3 V to +6.5 V
REFGND to AGND
−0.3 V to +0.3 V
AGND to DGND
−0.3 V to +0.3 V
Digital Inputs to DGND1
−0.3 V to IOVDD + 0.3 V
Digital Outputs to DGND2
−0.3 V to IOVDD + 0.3 V
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature, TJMAX
150°C
Power Dissipation
(TJMAX – TA)/θJA
Lead Temperature, Soldering Reflow
260°C, as per JEDEC
J-STD-020
1
Digital inputs include SCLK, SDI, RESET, and LDAC.
2
Digital outputs include SDO and ALARME
A
.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure.
Table 6. Thermal Resistance
Package Type
θJA
Unit
CB-49-5
301
°C/W
1
Thermal impedance simulated values are based on JEDEC 2S2P thermal test
board with 16 thermal vias. See JEDEC JESD51.
19B
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com