Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 11 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5770R Datasheet HTML 7Page - Analog Devices AD5770R Datasheet HTML 8Page - Analog Devices AD5770R Datasheet HTML 9Page - Analog Devices AD5770R Datasheet HTML 10Page - Analog Devices AD5770R Datasheet HTML 11Page - Analog Devices AD5770R Datasheet HTML 12Page - Analog Devices AD5770R Datasheet HTML 13Page - Analog Devices AD5770R Datasheet HTML 14Page - Analog Devices AD5770R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Data Sheet
AD5770R
Rev. 0 | Page 11 of 59
Pin No.
Mnemonic
Type
8F
1
Description
D5
CDAMP_IDAC4
AI
Damping Capacitor for IDAC4. Connect a 10 nF capacitor between this pin and the PVDD4
supply.
D7
CDAMP_IDAC3
AI
Damping Capacitor for IDAC3. Connect a 10 nF capacitor between this pin and the PVDD3
supply.
E1
IREF
AI/O
External Resistor Pin for Reference Current Generation (Optional). When using an external RSET
resistor, connect this pin directly to REFGND via a low drift, 2.5 kΩ external resistor.
E2
REFGND
S
Reference Supply Ground Pin. Connect this pin with a low impedance path to AGND. If using
an external resistor, the low side of the RSET resistor must be connected to REFGND before the
connection to AGND.
E5
AVDD
S
Analog Power Supply. AVDD must be between 2.9 V and 5.5 V. This pin supplies power to the
analog circuit blocks on the device. This pin must be at the same potential as DVDD.
E7
A
CSE
DI
Active Low Control Input.
A
CSE
A
is used to frame data during a SPI transaction. When
A
CSE
A
is low,
data is transferred on the rising edges of SCLK.
F1
VREF_IO
AI/O
Voltage Reference Input/Output. When the internal reference is enabled, the buffered 1.25 V
reference voltage can be made available on this pin. When the internal reference is disabled, an
external reference must be applied to this pin. The external reference voltage must be 1.25 V or
2.5 V.
F2
A
ALARME
DO
Active Low Output. When
A
ALARME
A
goes low, this alerts the user of a change in the status
register. User must read the status register to deassert this pin.
F3, F4
DGND
S
Digital Power Supply Ground.
F5
DVDD
S
Digital Power Supply. DVDD must be between 2.9 V and 5.5 V. This pin supplies power to the
digital core and internal oscillator blocks on the device. This pin must be at the same potential
as AVDD.
F6
A
LDACE
DI
Logic Input. Pulsing this pin low allows any or all DAC registers to be updated if the input
registers have new data, allowing any or all DAC outputs to update synchronously.
Alternatively, this pin can be tied low.
F7
SDI
DI
Serial Data Input. Data to be written to the device is provided on this input and is clocked into
the register on the rising edge of SCLK.
G1
CREF
AI/O
Filter Capacitor for Voltage Reference. A 0.1 µF capacitor connected from the CREF pin to AGND
is recommended to achieve the specified performance from the AD5770R.
G2
A
RESETE
DI
Active Low Reset Input. Tie this pin high for normal operation. Asserting this pin low resets the
AD5770R to the default configuration.
G3
MUX_OUT
AI/O
Analog Output. An external analog-to-digital converter (ADC) reads voltages on this pin for
diagnostic purposes. Use external excitation current for the temperature sensing diode and
force the current on this pin.
G4
CREG
AI/O
Filter Capacitor for Internal Regulator. A 1 µF capacitor connected from the CREG pin to AGND
is recommended to achieve the specified performance from the AD5770R.
G5
SDO
DO
Serial Data Output. A read back operation provides data on this output pin as a serial data
stream. Data is clocked out on the falling edge of SCLK and is valid on the rising edge of SCLK.
G6
IOVDD
S
Logic Power Supply. IOVDD must be between 1.65 V and 5.5 V. This pin supplies power to the
serial interface circuit blocks on the device.
G7
SCLK
DI
Serial Clock Input. Data is clocked into the input shift register on the rising edge of the serial
clock input. Data can be transferred at rates up to 20 MHz when writing to the AD5770R. This
pin has a maximum speed of 10 MHz when performing a read operation from the AD5770R.
1
AO is analog output, S is power, AI is analog input, DNC is do not connect, AI/O is analog input and output, DI is digital input, and DO is digital output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com