Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 4 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 4 Page - Analog Devices

  AD5770R Datasheet HTML 1Page - Analog Devices AD5770R Datasheet HTML 2Page - Analog Devices AD5770R Datasheet HTML 3Page - Analog Devices AD5770R Datasheet HTML 4Page - Analog Devices AD5770R Datasheet HTML 5Page - Analog Devices AD5770R Datasheet HTML 6Page - Analog Devices AD5770R Datasheet HTML 7Page - Analog Devices AD5770R Datasheet HTML 8Page - Analog Devices AD5770R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
AD5770R
Data Sheet
Rev. 0 | Page 4 of 59
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DC Crosstalk
2
LSB
TA = 25°C, due to 200 mW change in
output power on a single channel
DC PSRR
17
μA/V
TA = 25°C, DAC register loaded to midscale
OUTPUT CHARACTERISTICS
Output Current Ranges
Channel 0
−60
0
mA
−60
+300
mA
0
300
mA
Channel 1
0
140
mA
0
250
mA
Channel 2
0
55
mA
0
150
mA
Channel 3, Channel 4, Channel 5
0
45
mA
0
100
mA
Output Compliance Voltage3
Channel 0
0
PVDD0 −
0.45
V
When sourcing in the 0 mA to 300 mA
range, DAC register is loaded to full scale
PVEE0 + 0.5
When sinking current on the −60 mA to
0 mA and the −60 mA to +300 mA ranges,
DAC register is loaded to zero scale
Channel 1
0
PVDD1 −
0.275
V
When configured to the 140 mA range
with low headroom, DAC register is
loaded to full scale
0
PVDD1 −
0.45
V
When configured to the 250 mA range or
to the 140 mA range with low noise, DAC
register is loaded to full scale
Channel 2, Channel 3, Channel 4,
Channel 5
0
PVDDx −
0.275
V
All output ranges, DAC register loaded to
full scale
DC Output Impedance
600
kΩ
TA = 25°C
VOLTAGE REFERENCE INPUT
Reference Input Impedance
60
GΩ
TA = 25°C, external 1.25 V reference option
115
kΩ
TA = 25°C, external 2.5 V reference option
Reference Input Range
1.25
V
For specified performance, external
1.25 V reference option
2.5
V
External 2.5 V reference option
VOLTAGE REFERENCE OUTPUT
Output Voltage
1.245
1.25
1.255
V
TA = 25°C, reference output on
Reference Temperature Coefficient
15
ppm/°C
Internal RSET resistor
Output Impedance
0.01
Ω
Output Current Load Capability
±5
mA
Maximum Capacitive Load
10
µF
Load Regulation Sourcing
250
µV/mA
Load Regulation Sinking
250
µV/mA
Output Voltage Noise
920
nV rms
TA = 25°C, 0.1 Hz to 10 Hz
Output Voltage Noise Spectral Density
70
nV/√Hz
TA = 25°C , 1 kHz
70
nV/√Hz
TA = 25°C, 10 kHz
Line Regulation
35
µV/V
TA = 25°C, due to change in AVDD
INTEGRATED MULTIPLEXER
Buffer Output Current
±8
mA
Buffer Output Impedance
0.5
Ω
Buffer Offset
0.3
mV
Buffer Maximum Capacitive Load
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com