Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 14 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5770R Datasheet HTML 10Page - Analog Devices AD5770R Datasheet HTML 11Page - Analog Devices AD5770R Datasheet HTML 12Page - Analog Devices AD5770R Datasheet HTML 13Page - Analog Devices AD5770R Datasheet HTML 14Page - Analog Devices AD5770R Datasheet HTML 15Page - Analog Devices AD5770R Datasheet HTML 16Page - Analog Devices AD5770R Datasheet HTML 17Page - Analog Devices AD5770R Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
AD5770R
Data Sheet
Rev. 0 | Page 14 of 59
1.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
18000
CODE
2000
4000
6000
8000 10000 12000 14000 16000
+105°C
+85°C
+25°C
–40°C
Figure 17. INL Error vs. DAC Code for Various Temperatures (Channel 0, 0 mA
to 300 mA Range)
1.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
18000
CODE
2000
4000
6000
8000 10000 12000 14000 16000
+105°C
+85°C
+25°C
–40°C
Figure 18. INL Error vs. DAC Code for Various Temperatures (Channel 1, 0 mA
to 250 mA Range)
2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
CODE
2000
4000
6000
8000
10000 12000 14000 16000
+105°C
+85°C
+25°C
–40°C
Figure 19. INL Error vs. DAC Code for Various Temperatures (Channel 2, 0 mA
to 150 mA Range)
1.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
18000
CODE
2000
4000
6000
8000 10000 12000 14000 16000
+105°C
+85°C
+25°C
–40°C
Figure 20. INL Error vs. DAC Code for Various Temperatures (Channel 3, 0 mA
to 100 mA Range)
2.0
–2.0
0
18000
CODE
2000
4000
6000
8000 10000 12000 14000 16000
+105°C
+85°C
+25°C
–40°C
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
Figure 21. INL Error vs. DAC Code for Various Temperatures (Channel 4, 0 mA
to 100 mA Range)
2.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
18000
CODE
2000
4000
6000
8000 10000 12000 14000 16000
+105°C
+85°C
+25°C
–40°C
Figure 22. INL Error vs. DAC Code for Various Temperatures (Channel 5, 0 mA
to 100 mA Range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com