Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 29 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5770R Datasheet HTML 25Page - Analog Devices AD5770R Datasheet HTML 26Page - Analog Devices AD5770R Datasheet HTML 27Page - Analog Devices AD5770R Datasheet HTML 28Page - Analog Devices AD5770R Datasheet HTML 29Page - Analog Devices AD5770R Datasheet HTML 30Page - Analog Devices AD5770R Datasheet HTML 31Page - Analog Devices AD5770R Datasheet HTML 32Page - Analog Devices AD5770R Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
Data Sheet
AD5770R
Rev. 0 | Page 29 of 59
Channel 1
Channel 1 can be set up to source 0 mA to 140 mA or 0 mA to
250 mA. The full-scale output range for Channel 1 must be set
by writing to the CH1_MODE bits of the OUTPUT_RANGE_
CH1 register. In addition to the 0 mA to 250 mA range, Channel 1
has two 0 mA to 140 mA ranges; the channel can be set up to
optimize for better noise and PSRR or for reduced headroom.
The configuration options for Channel 1 are listed in Table 8.
Channel 2
Channel 2 can be set up to source 0 mA to 55 mA or 0 mA to
150 mA. The full-scale output range for Channel 2 must be set
by writing to the CH2_MODE bits of the OUTPUT_RANGE_
CH2 register. Table 8 lists configuration options for Channel 2.
Channel 3 to Channel 5
Channel 3, Channel 4, and Channel 5 of the AD5770R can be set
up to source 0 mA to 45 mA or 0 mA to 100 mA. The full-scale
output rages for Channel 3, Channel 4, and Channel 5 must be
set by writing to the CH3_MODE, CH4_MODE, and
CH5_MODE bits of the OUTPUT_RANGE_CH3, OUTPUT_
RANGE_CH4, and OUTPUT_RANGE_CH5 registers. The
configuration options for Channel 3, Channel 4, and Channel 5
are listed in Table 8.
Table 8. Output Range Mode Register Setup
Channel
Mode Bit Name
Mode
Zero-Scale Output (mA)
Full-Scale Output (mA)1
Minimum
Headroom (mV)
Comments
Channel 0
CH0_MODE
0x0
0
300
450
0x1
−60
0
02
0x2
−60
300
4502
Channel 1
CH1_MODE
0x1
0
140
275
Low headroom
0x2
0
140
450
Low noise and PSRR
0x3
0
250
450
Channel 2
CH2_MODE
0x0
0
55
275
0x1
0
150
275
Channel 3
CH3_MODE
0x0
0
45
275
0x1
0
100
275
Channel 4
CH4_MODE
0x0
0
45
275
0x1
0
100
275
Channel 5
CH5_MODE
0x0
0
45
275
0x1
0
100
275
1
Output current scaling feature disabled. See the Output Current Scaling section for more information.
2
500 mV footroom from PVEE0 supply required when sinking current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com