Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 16 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5770R Datasheet HTML 12Page - Analog Devices AD5770R Datasheet HTML 13Page - Analog Devices AD5770R Datasheet HTML 14Page - Analog Devices AD5770R Datasheet HTML 15Page - Analog Devices AD5770R Datasheet HTML 16Page - Analog Devices AD5770R Datasheet HTML 17Page - Analog Devices AD5770R Datasheet HTML 18Page - Analog Devices AD5770R Datasheet HTML 19Page - Analog Devices AD5770R Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
AD5770R
Data Sheet
Rev. 0 | Page 16 of 59
70
60
0
TEMPERATURE (°C)
10
20
30
40
50
–40
–20
0
20
40
60
80
100
CH0
CH1
CH2
CH3
CH4
CH5
Figure 29. Zero-Scale Error vs. Temperature
0.50
0.20
TEMPERATURE (°C)
0.25
0.30
0.35
0.40
0.45
–40
–20
0
20
40
60
80
100
CH0
CH1
CH2
CH3
CH4
CH5
Figure 30. Full-Scale Error vs. Temperature
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
CH0
CH1
CH2
CH3
CH4
CH5
–90
–40
10
60
110
Figure 31. Offset Error vs. Temperature
0.50
0.20
TEMPERATURE (°C)
0.25
0.30
0.35
0.40
0.45
–40
–20
0
20
40
60
80
100
CH0
CH1
CH2
CH3
CH4
CH5
Figure 32. Gain Error vs. Temperature
0
16000
CODE
0.035
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
0.025
0.030
2000
4000
6000
8000
10000
12000
14000
+105°C
+85°C
+25°C
–40°C
Figure 33. Total Unadjusted Error vs. DAC Code for Various Temperatures
(Channel 0, 0 mA to 300 mA Range)
–0.05
–0.03
–0.01
0.01
0.03
0.05
0
16000
CODE
2000
4000
6000
8000
10000
12000
14000
+105°C
+85°C
+25°C
Figure 34. Total Unadjusted Error vs. DAC Code for Various Temperatures
(Channel 1, 0 mA to 250 mA Range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com