Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 20 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5770R Datasheet HTML 16Page - Analog Devices AD5770R Datasheet HTML 17Page - Analog Devices AD5770R Datasheet HTML 18Page - Analog Devices AD5770R Datasheet HTML 19Page - Analog Devices AD5770R Datasheet HTML 20Page - Analog Devices AD5770R Datasheet HTML 21Page - Analog Devices AD5770R Datasheet HTML 22Page - Analog Devices AD5770R Datasheet HTML 23Page - Analog Devices AD5770R Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
AD5770R
Data Sheet
Rev. 0 | Page 20 of 59
10µ
100p
1n
10n
100n
1µ
1
10
100
10k
1k
100k
FREQUENCY (Hz)
CH0 (0mA TO 300mA)
CH0 (–60mA TO +300mA)
CH1 (0mA TO 140mA, LOW HEADROOM)
CH1 (0mA TO 140mA, LOW NOISE)
CH1 (0mA TO 250mA)
CH2 (0mA TO 55mA)
CH2 (0mA TO 150mA)
CH3 (0mA TO 45mA)
CH3 (0mA TO 100mA)
CH4 (0mA TO 45mA)
CH4 (0mA TO 100mA)
CH5 (0mA TO 45mA)
CH5 (0mA TO 100mA)
Figure 51. Output NSD vs. Frequency (All Ranges)
10µ
10n
100n
1µ
0.1
1
10
100
10k
1k
100k
FREQUENCY (Hz)
Figure 52. VREF_IO Output NSD vs. Frequency
1.2530
1.2500
–0.005
0.005
LOAD CURRENT (I)
1.2505
1.2510
1.2515
1.2520
1.2525
–0.003
–0.001
0.001
0.003
VDD = 5.5V
VDD = 3.3V
VDD = 2.9V
Figure 53. VREF_IO Voltage vs. Load Current
400
–400
–200
–300
–100
100
300
0
200
1.5
2.0
2.5
3.0
4.0
3.5
4.5
TIME (µs)
CS
20MHz SCLK
0x0000 TO
0x3FFF
20MHz SCLK
0x3FFF TO
0x0000
20MHz SCLK
0x0000 TO
0x2AAA
4.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Figure 54. Digital Feedthrough
450
350
250
150
50
–50
–150
–250
186.2
196.2
191.2
201.2
206.2
211.2
TIME (µs)
ATTACK CH1 ZS TO FS
ATTACK CH1 FS TO ZS
ATTACK CH2 ZS TO FS
ATTACK CH2 FS TO ZS
ATTACK CH3 ZS TO FS
ATTACK CH3 FS TO ZS
ATTACK CH4 ZS TO FS
ATTACK CH4 FS TO ZS
ATTACK CH5 ZS TO FS
ATTACK CH5 FS TO ZS
Figure 55. DAC to DAC Crosstalk (Victim Channel Zero)
0.007
–0.003
220
221
222
223
224
225
226
227
TIME (µs)
–0.001
0.001
0.003
0.005
4.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RLOAD IDAC4 = 5Ω
RLOAD IDAC5 = 5Ω
RLOAD IDAC0 = 5Ω
RLOAD IDAC1 = 5Ω
RLOAD IDAC2 = 5Ω
RLOAD IDAC3 = 5Ω
CS
Figure 56. Analog Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com