Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 44 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 44 Page - Analog Devices

Back Button AD5770R Datasheet HTML 40Page - Analog Devices AD5770R Datasheet HTML 41Page - Analog Devices AD5770R Datasheet HTML 42Page - Analog Devices AD5770R Datasheet HTML 43Page - Analog Devices AD5770R Datasheet HTML 44Page - Analog Devices AD5770R Datasheet HTML 45Page - Analog Devices AD5770R Datasheet HTML 46Page - Analog Devices AD5770R Datasheet HTML 47Page - Analog Devices AD5770R Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
AD5770R
Data Sheet
Rev. 0 | Page 44 of 59
Address: 0x1B, Reset: 0x00, Name: REFERENCE
Voltage Reference Setup
11:
Off)
Internal 1.25V (Reference Output
10: External 1.25V.
01:
On)
Internal 1.25V (Reference Output
00: External 2.5V.
IREF Resistor Setup
1: External Resistor.
0: Internal Resistor.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:3] RESERVED
[1:0] REFERENCE_VOLTAGE_SEL (R/W)
[2] REFERENCE_RESISTOR_SEL (R/W)
Table 34. Bit Descriptions for REFERENCE
Bits
Bit Name
Description
Reset
Access
[7:3]
Reserved
Reserved.
0x0
R
2
REFERENCE_RESISTOR_SEL
IREF resistor setup. This bit selects whether an internal or external resistor is used
for reference current generation.
0x0
R/W
0: internal resistor.
1: external resistor.
[1:0]
REFERENCE_VOLTAGE_SEL
Voltage reference setup. These bits select the voltage reference scheme used for
reference current generation.
0x0
R/W
00: external 2.5 V.
01: internal 1.25 V (reference output on).
10: external 1.25 V.
11: internal 1.25 V (reference output off).
Address: 0x1C, Reset: 0x06, Name: ALARM_CONFIG
Background CRC Alarm Mas k
1:
Activation.
ALARM
Mas k Background CRC
0: Norm al Operation.
Open Drain ALARM Enable
1:
Open Drain Enable.
ALARM
0:
Open Drain Dis able.
ALARM
External IREF Res is tor Fault Alarm
Mas k
1:
Activation.
ALARM
Mas k IREF Fault
0: Norm al Operation.
Therm al Shutdown Enable
1: Enable Therm al Shutdown.
0:
Recom m ended.
Dis able Therm al Shutdown - Not
Negative Voltage Channel 0 Fault
Alarm Mas k
1:
Activation.
ALARM
Mas k Negative Channel 0
0: Norm al Operation.
Background CRC Enable
1: Enable Background CRC.
0: Dis able Background CRC.
Over-Tem perature Fault Alarm Mas k
1:
Activation.
ALARM
Mas k Over Tem perature
0: Norm al Operation.
Over-Tem perature Warning Alarm
Mas k
1:
Activation.
ALARM
Mas k Tem perature Warning
0: Norm al Operation.
0
0
1
1
2
1
3
0
4
0
5
0
6
0
7
0
[7] BACKGROUND_CRC_ALARM_MASK (R/W)
[0] OPEN_DRAIN_EN (R/W)
[6] IREF_FAULT_ALARM_MASK (R/W)
[1] THERMAL_SHUTDOWN_EN (R/W)
[5] NEGATIVE_CHANNEL0_ALARM_MASK (R/W)
[2] BACKGROUND_CRC_EN (R/W)
[4] OVER_TEMP_ALARM_MASK (R/W)
[3] TEMP_WARNING_ALARM_MASK (R/W)
Table 35. Bit Descriptions for ALARM_CONFIG
Bits
Bit Name
Description
Reset
Access
7
BACKGROUND_CRC_ALARM_MASK
Background CRC alarm mask. When this bit is set, the ALARM pin does
not activate for background CRC errors.
0x0
R/W
0: normal operation.
1: mask background CRC ALARM activation.
6
IREF_FAULT_ALARM_MASK
External IREF resistor fault alarm mask. When this bit is set, the ALARM pin
does not activate for external reference current generation resistor faults.
0x0
R/W
0: normal operation.
1: mask IREF fault ALARM activation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com