Electronic Components Datasheet Search
  English  ▼

X  

AD5770R Datasheet(PDF) 7 Page - Analog Devices

Part # AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5770R Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5770R Datasheet HTML 3Page - Analog Devices AD5770R Datasheet HTML 4Page - Analog Devices AD5770R Datasheet HTML 5Page - Analog Devices AD5770R Datasheet HTML 6Page - Analog Devices AD5770R Datasheet HTML 7Page - Analog Devices AD5770R Datasheet HTML 8Page - Analog Devices AD5770R Datasheet HTML 9Page - Analog Devices AD5770R Datasheet HTML 10Page - Analog Devices AD5770R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
Data Sheet
AD5770R
Rev. 0 | Page 7 of 59
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments2
Output Noise
900
nA rms
0.1 Hz to 10 Hz, Channel 0, 0 mA to 300 mA
range, DAC register loaded to full scale
180
nA rms
0.1 Hz to 10 Hz, Channel 1, 0 mA to 140 mA low
noise range, DAC register loaded to full scale
400
nA rms
0.1 Hz to 10 Hz, Channel 2, 0 mA to 150 mA
range, DAC register loaded to full scale
300
nA rms
0.1 Hz to 10 Hz, Channel 3, Channel 4, Channel 5,
0 mA to 100 mA range, DAC register loaded to
full scale
PVDDx AC PSRR
−98
dB
100 Hz
−87
dB
1 kHz
−67
dB
10 kHz
−23
dB
1000 kHz
−8
dB
3000 kHz
1
See the Terminology section.
2
Temperature range is −40°C to +105°C, typically at 25°C.
TIMING SPECIFICATIONS
Table 3.
Parameter
1.65 V ≤ IOVDD ≤ 5.5 V
Unit
Test Conditions/Comments
t1
50
ns min
SCLK cycle time, write operation.
100
ns min
SCLK cycle time, read operation.
t2
20
ns min
SCLK high time.
t3
20
ns min
SCLK low time.
t4
25
ns min
CS to SCLK rising edge setup time.
t5
10
ns min
Data setup time.
t6
10
ns min
Data hold time.
t7
0
ns min
SCLK rising edge to CS rising edge. LDAC idle high mode.
t71
250
ns min
SCLK rising edge to CS rising edge. LDAC idle low mode.
t8
30
ns min
CS high time.
t9
40
ns min
CS rising edge to SCLK rising edge.
t10
5
ns min
SCLK rising edge to CS falling edge.
t11
90
ns max
SDO data valid from SCLK falling edge.
t12
40
ns min
CS rising edge to SDO disabled.
t13
100
ns min
LDAC pulse width low.
t14
10
ns min
LDAC falling edge to CS rising edge.
t15
100
ns min
SCLK rising edge to LDAC falling edge.
t16
10
ns min
RESET minimum pulse width low.
t17
100
ns max
RESET pulse activation time.
1
t7 ≥ 250 ns only applies to the first SCLK rising edge to CS rising edge after LDAC (IDLEL LOW) falling edge. t7 ≥ 0 ns applies for all other SCLK rising edge to CS rising edge.
Refer to Figure 3.
Table 4. LDAC Idle Low Timing
Parameter
1.65 V ≤ IOVDD ≤ 5.5 V
Unit
Test Conditions/Comments
t1
250
ns min
SCLK rising edge to CS rising edge. The first SCLK rising edge to CS rising edge after
LDAC idle low falling edge.
t2
0
ns min
SCLK rising edge to CS rising edge.
t3
10
ns min
LDAC falling edge to CS rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com