Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX58100 Datasheet HTML 1Page - ASIX Electronics Corporation AX58100 Datasheet HTML 2Page - ASIX Electronics Corporation AX58100 Datasheet HTML 3Page - ASIX Electronics Corporation AX58100 Datasheet HTML 4Page - ASIX Electronics Corporation AX58100 Datasheet HTML 5Page - ASIX Electronics Corporation AX58100 Datasheet HTML 6Page - ASIX Electronics Corporation AX58100 Datasheet HTML 7Page - ASIX Electronics Corporation AX58100 Datasheet HTML 8Page - ASIX Electronics Corporation AX58100 Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
1
AX58100
EtherCAT Slave Controller
Released Date: 20/02/2019
TEL: +886-3-579-9500
FAX: +886-3-579-9558
http://www.asix.com.tw/
ASIX Electronics Corporation
4F, No.8, Hsin Ann Rd.,
Hsinchu Science Park,
Hsinchu, Taiwan 30078
Features
2/3-port EtherCAT Slave Controller (ESC) with
2 Integrated Fast Ethernet PHYs
Standard EtherCAT Slave Controller (ESC)
8 Fieldbus Memory Management Units
(FMMUs)
8 Sync Managers
64-bit distributed clock
9K bytes RAM
Integrated Fast Ethernet PHYs
Compliant with IEEE 802.3/802.3u
100BASE-TX/100BASE-FX
PHY loopback mode
Supports twisted pair crossover detection and
auto-correction (HP Auto-MDIX)
Automatic polarity detection and correction
3rd Ethernet MII Port for Flexible EtherCAT
Network Configurations
Up to 32 Digital/General Purpose IOs
Each IO is configurable individually and
mapped to FMMU directly
SPI Slave Interface
Supports Mode 3 timing modes
Supports MSB first transfer fashion
Local Bus Interface
Supports 8-bit or 16-bit data bus width
Supports Asynchronous Local Bus
Supports BHE with 16-bit data bus width
Bridge
Supports function and ESC registers mirror with
selectable synchronous conditions
3-channel PWM Controller
Adjustable frequency, phase align and BBM
(Break Before Make) for all channels
Adjustable duty cycle, phase shift, and signal
polarity per channel
Step & Direction Controller
Adjustable step pulse width, polarity and the
delay time for direction change
Incremental and Hall Encoder Interface
Support single ended ABZ with configurable
counting constant, polarity and Multiple
Z-signal functions support
Supports clockwise/counter clockwise
(CW/CCW) and direction-count (DIR/CLK)
Inputs
Supports Hall sensor
Emergency Stop Input
Configurable Watchdog for Outputs and Inputs
Monitoring
IRQ Event Output
Interrupts for EtherCAT related events
Interrupts for Application related events
Interrupts for Watchdog Timeout
SPI Master Interface
Programmable SPI clock frequency up to
50MHz
Supports 4 timing modes
Supports MSB/LSB first transfer fashion
Supports up to 8 SPI devices selection
Supports up to 8 channels, each channel with 8
bytes read/write buffer
Supports ADC Data Ready and DAC Data
Loaded indication
Supports periodic data acquisition
Supports late sample for high latency device
Supports external interrupt input
Supports I2C Master Interface
Integrates On-chip Power-on Reset Circuit
80-pin LQFP RoHS Compliant Package
Operating Temperature Range: -40 to +105°C
Target Applications
Industrial Automation
Motion/Motor Control
Digital I/O Control
Communication Module
DAC/ADC Converters Control
Sensors Data Acquisition
Robotics
Operator HMI Interfaces
Document No: AX58100/V1.03/20/02/19


Similar Part No. - AX58100

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
1Mb / 1P
ARM Cortex-M4F 192MHz
More results

Similar Description - AX58100

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
VME64 Slave Controller
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
EtherCAT Slave Controller SoC
logo
Beckhoff Automation Gmb...
ET1100 BECKHOFF-ET1100 Datasheet
2Mb / 124P
Slave Controller
ET1200 BECKHOFF-ET1200 Datasheet
1Mb / 70P
Slave Controller
logo
Adlink Technology Inc.
EU-6000 ADLINK-EU-6000 Datasheet
249Kb / 2P
EtherCAT Slave System
logo
Beckhoff Automation Gmb...
FC1100 BECKHOFF-FC1100 Datasheet
115Kb / 2P
Infrastructure, 1-channel fieldbus card, EtherCAT, slave, PCI, RJ45
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
Controller PROFIBUS Slave
logo
ASIX Electronics Corpor...
AX58400 ASIX-AX58400 Datasheet
544Kb / 2P
EtherCAT Slave Controller with Dual-Core MCU
11/05/2021
logo
Advantech Co., Ltd.
AMAX-3245 ADVANTECH-AMAX-3245 Datasheet
375Kb / 1P
Advanced 4-axis EtherCAT Motion Slave Modules
21-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com