Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 54 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 54 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 50Page - ASIX Electronics Corporation AX58100 Datasheet HTML 51Page - ASIX Electronics Corporation AX58100 Datasheet HTML 52Page - ASIX Electronics Corporation AX58100 Datasheet HTML 53Page - ASIX Electronics Corporation AX58100 Datasheet HTML 54Page - ASIX Electronics Corporation AX58100 Datasheet HTML 55Page - ASIX Electronics Corporation AX58100 Datasheet HTML 56Page - ASIX Electronics Corporation AX58100 Datasheet HTML 57Page - ASIX Electronics Corporation AX58100 Datasheet HTML 58Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
54
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
4.5.6
Function SPI Slave Timing
Figure 4-21: Function SPI Slave with share pin Timing Diagram
Symbol
Description
Min
Typ
Max
Units
TSCLK
SCLK clock frequency
-
-
50
MHz
TDO
MISO data valid time after SCLK edge
9.2
-
-
ns
TSU
MOSI data setup time before SCLK edge
2
-
-
ns
THD
MOSI data hold time after SCLK edge
2
-
-
ns
TCSSP
SCS setup time before MISO active
7.6
-
-
ns
TDHD
SCS hold time after SCLK edge
21
-
-
ns
TCSHD
MISO data hold time after SCS de-assert
2.6
-
-
ns
TGN
SCS negation to next SCS assertion time
40
-
-
ns
Table 4-12: Function SPI with share pin Timing Table
Figure 4-22: Function SPI Slave with individual pin Timing Diagram
Symbol
Description
Min
Typ
Max
Units
TFSCLK
SCLK clock frequency
-
-
47.5
MHz
TFDO
MISO data valid time after SCLK edge
10.5
-
-
ns
TFSU
MOSI data setup time before SCLK edge
2
-
-
ns
TFHD
MOSI data hold time after SCLK edge
2
-
-
ns
TFCSSP
SCS setup time before MISO active
7.7
-
-
ns
TFDHD
SCS hold time after SCLK edge
21
-
-
ns
TFCSHD
MISO data hold time after SCS de-assert
2.5
-
-
ns
TFGN
SCS negation to next SCS assertion time
40
-
-
ns
Table 4-13: Function SPI with individual pin Timing Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com