Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 63 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 63 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 59Page - ASIX Electronics Corporation AX58100 Datasheet HTML 60Page - ASIX Electronics Corporation AX58100 Datasheet HTML 61Page - ASIX Electronics Corporation AX58100 Datasheet HTML 62Page - ASIX Electronics Corporation AX58100 Datasheet HTML 63Page - ASIX Electronics Corporation AX58100 Datasheet HTML 64Page - ASIX Electronics Corporation AX58100 Datasheet HTML 65Page - ASIX Electronics Corporation AX58100 Datasheet HTML 66Page - ASIX Electronics Corporation AX58100 Datasheet HTML 67Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
63
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
Figure 4-32: BBM (Break Before Make) Timing Diagram
Symbol
Description
EN8X
Min
Typ
Max
Units
TBBMH
High pulse was postponed raising and reduce
pulse width
x1
-
PBBMH * 10
-
ns
x8
-
PBBMH * 80
-
ns
TBBML
Low pulse was postponed falling and
addition pulse width
x1
-
PBBML * 10
-
ns
x8
-
PBBML * 80
-
ns
Table 4-18: PWMx BBM Timing Table
Figure 4-33: One Shot with multi Step Timing Diagram
Symbol
Description
Min
Typ
Max
Units
TSGT
Step Pulse to Pulse Gap time set by SGTLR and SGTHR
-
SGT * 10
-
ns
TSPW
Step Pulse Width set by SHPWR
Note: Step frequency = 1/( TSPW +TSGT)
-
SPW * 10
-
ns
TSPDY
Direction Transform Delay Time set by TDLYR
-
SPDT * 10
-
ns
Table 4-19: Step function timing table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com