Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 58 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 58 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 54Page - ASIX Electronics Corporation AX58100 Datasheet HTML 55Page - ASIX Electronics Corporation AX58100 Datasheet HTML 56Page - ASIX Electronics Corporation AX58100 Datasheet HTML 57Page - ASIX Electronics Corporation AX58100 Datasheet HTML 58Page - ASIX Electronics Corporation AX58100 Datasheet HTML 59Page - ASIX Electronics Corporation AX58100 Datasheet HTML 60Page - ASIX Electronics Corporation AX58100 Datasheet HTML 61Page - ASIX Electronics Corporation AX58100 Datasheet HTML 62Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 71 page
background image
58
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
TWR_delay < Twrite_int (Write after rising edge
-of WR)
TWR_delay
without preceding write access or
TWR_delay ≥ Twrite_int (Write after rising edge
of WR)
-
0
8-bit access, absolute worst case with
preceding write access (TWR_delay= min,
TWR_int=max, Write after rising edge of
WR)
-
180
16-bit access, absolute worst case with
preceding write access (TWR_delay=min,
TWR_int=max, Write after rising edge of
WR)
-
260
T
write_int
Internal write
time
8-bit access
-
-
180
ns
16-bit access
260
T
WR_delay
Delay between WR deassertion and
assertion
5
-
-
ns
T
Coll
Extra read delay RD access directly
follows WR access with
the same address (8-bit
accesses or 8-bit WR
and 16-bit RD)
-
-
20
ns
different addresses or
16-bit accesses
0
TWR_to_RD
Delay between WR deassertion and RD
assertion
0
-
-
ns
T
CS_WR_overlap
Time both CS and WR have to be
deasserted simultaneously (only if
CS is deasserted at all)
5
-
-
ns
T
CS_RD_overlap
Time both CS and RD have to be
deasserted simultaneously (only if
CS is deasserted at all)
5
-
-
ns
Table 4-14: PDI Local Bus Timing Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com