Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 34 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 34 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 30Page - ASIX Electronics Corporation AX58100 Datasheet HTML 31Page - ASIX Electronics Corporation AX58100 Datasheet HTML 32Page - ASIX Electronics Corporation AX58100 Datasheet HTML 33Page - ASIX Electronics Corporation AX58100 Datasheet HTML 34Page - ASIX Electronics Corporation AX58100 Datasheet HTML 35Page - ASIX Electronics Corporation AX58100 Datasheet HTML 36Page - ASIX Electronics Corporation AX58100 Datasheet HTML 37Page - ASIX Electronics Corporation AX58100 Datasheet HTML 38Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
34
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
3.3.3
Memory Map between ESC Memory and Function Registers
Function
Address
ESC Address
Name
Description
R/W
RO
0x000
0x3000
-
MCTLR
Motor Control Register
0x002
0x3002
-
PXCFGR
PWM Pulse X Configure Register
0x004
0x3004
-
PTAPPR
PWM Trigger A Pulse Positon Register
0x006
0x3006
-
PTBPPR
PWM Trigger B Pulse Positon Register
0x008
0x3008
-
PPCR
PWM Period Cycle Register
0x00A
0x300A
-
PBBMR
PWM Pulse Break Before Make Register
0x00C
0x300C
-
P1CTRLR
PWM1Control Register
0x00E
0x300E
-
P1SHR
PWM1 Counter Shift Register
0x010
0x3010
-
P1HPWR
PWM1 High Pulse Width Register
0x012
0x3012
-
P2CTRLR
PWM2 Control Register
0x014
0x3014
-
P2SHR
PWM2 Shift Register
0x016
0x3016
-
P2HPWR
PWM2 High Pulse Width Register
0x018
0x3018
-
P3CTRLR
PWM3 Control Register
0x01A
0x301A
-
P3SHR
PWM3 Counter Shift Register
0x01C
0x301C
-
P3HPWR
PWM3 High Pulse Width Register
0x020
0x3020
-
SGTLR
Step Gap Time Low Register
0x022
SGTHR
Step Gap Time High Register
0x024
0x3024
-
SHPWR
Step High Pulse Width Register
0x026
0x3026
-
TDLYR
direction Transform Delay step Register
0x028
0x3028
-
STNLR
Step Target Number Low Word Register
0x02A
STNHR
Step Target Number High Word Register
0x02C
0x302C
-
SCFGR
Step Configure Register
0x02E
0x302E
-
SCTRLR
Step Control Register
0x030
-
0x3230
SCNTLR
Step Counter Content Low Register
0x032
SCNTHR
Step Counter Content High Register
0x040
0x3040
-
ECNTVLR
Encoder Counter value Low Register
0x042
ECNTVHR
Encoder Counter value High Register
0x044
0x3044
-
ECNSTLR
Encoder Constant Low Register
0x046
ECNSTHR
Encoder Constant High Register
0x048
-
0x3248
ELATLR
Encoder Latched Low Register
0x04A
ELATHR
Encoder Latched High Register
0x04C
0x304C
-
EMODR
Encoder Mode Configuration Register
0x04E
0x304E
-
ECLRR
Encoder Clear Register
0x050
-
0x3250
HALSTR
Hall State Register
0x060
0x3060
-
WTLR
Watchdog Timer Low Register
0x062
WTHR
Watchdog Timer High Register
0x064
0x3064
-
WCFGR
Watchdog Configure Register
0x066
0x3066
-
WTPVCR
Watchdog Timer Peak Value Clear Register
0x068
0x3068
-
WMPLR
Watchdog Monitored Polarity Low Register
0x06A
WMPHR
Watchdog Monitored Polarity High Register
0x06C
0x306C
-
WMMLR
Watchdog Monitored Mask Low Register
0x06E
WMMHR
Watchdog Monitored Mask High Register
0x070
0x3070
-
WOMLR
Watchdog Output Mask Low Register
0x072
WOMHR
Watchdog Output Mask High Register
0x074
0x3074
-
WOELR
Watchdog Output Enable Low Register
0x076
WOEHR
Watchdog Output Enable High Register
0x078
0x3078
-
WOPLR
Watchdog Output Polarity Low Register
0x07A
WOPHR
Watchdog Output Polarity High Register
0x07C
-
0x327C
WTPVLR
Watchdog Timer Peak Value Low Register
0x07E
WTPVHR
Watchdog Timer Peak Value High Register
0x080
0x3080
-
SPICFGR
SPI Configure Register
0x082
0x3082
-
SPIBRR
SPI Baud Rate Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com