Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 28 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 28 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 24Page - ASIX Electronics Corporation AX58100 Datasheet HTML 25Page - ASIX Electronics Corporation AX58100 Datasheet HTML 26Page - ASIX Electronics Corporation AX58100 Datasheet HTML 27Page - ASIX Electronics Corporation AX58100 Datasheet HTML 28Page - ASIX Electronics Corporation AX58100 Datasheet HTML 29Page - ASIX Electronics Corporation AX58100 Datasheet HTML 30Page - ASIX Electronics Corporation AX58100 Datasheet HTML 31Page - ASIX Electronics Corporation AX58100 Datasheet HTML 32Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
28
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
0x059F
1
Watchdog monitored Polarity Access Control Register
0x05A0
1
Watchdog monitored Mask Access Control Register
0x05A1
1
Watchdog Output Mask Access Control Register
0x05A2
1
Watchdog Output Enable Access Control Register
0x05A3
1
Watchdog Output Polarity Access Control Register
0x05A4
1
Watchdog Timer Peak value Access Control Register
0x05A5
1
SPICFGR Access Control Register
0x05A6
1
SPIBRR Access Control Register
0x05A7
1
SPIDBSR Access Control Register
0x05A8
1
SPIDTR Access Control Register
0x05A9
1
SPIRPTR Access Control Register
0x05AA
1
SPILTR Access Control Register
0x05AB
1
SPIPRLR Access Control Register
0x05AC
1
SPI01BCR Access Control Register
0x05AD
1
SPI23BCR Access Control Register
0x05AE
1
SPI45BCR Access Control Register
0x05AF
1
SPI67BCR Access Control Register
0x05B0
1
SPI03SSR Access Control Register
0x05B1
1
SPI47SSR Access Control Register
0x05B2
1
SPINTSR Access Control Register
0x05B3
1
SPITSR Access Control Register
0x05B4
1
SPIPOSR Access Control Register
0x05B5
1
SPI Data Status (SPIDSR and SPIDSMR) Access Control Register
0x05B6
1
SPIC0DR Access Control Register
0x05B7
1
SPIC1DR Access Control Register
0x05B8
1
SPIC2DR Access Control Register
0x05B9
1
SPIC3DR Access Control Register
0x05BA
1
SPIC4DR Access Control Register
0x05BB
1
SPIC5DR Access Control Register
0x05BC
1
SPIC6DR Access Control Register
0x05BD
1
SPIC7DR Access Control Register
0x05BE
1
SPIMCR Access Control Register
0x05BF
1
INTCR Access Control Register
0x05C0
1
INTSR Access Control Register
0x05C1
1
Function Mirror Enable Register
0x0600:0x067F
FMMU[7:0]
+0x0
4
Logical Start Address
+0x4
2
Length
+0x6
1
Logical Start bit
+0x7
1
Logical Stop bit
+0x8
2
Physical Start Address
+0xA
1
Physical Start bit
+0xB
1
Type
+0xC
1
Activate
+0xD
3
Reserved
0x0800:0x083F
SyncManager[7:0]
+0x0
2
Physical Start Address
+0x2
2
Length
+0x4
1
Control Register
+0x5
1
Status Register
+0x6
1
Activate
+0x7
1
PDI Control
0x0900:0x09FF
Distributed Clocks (DC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com